Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V41235NLGI8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 5V41235NLGI8
Description  2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41235NLGI8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 5V41235NLGI8 Datasheet HTML 5Page - Integrated Device Technology 5V41235NLGI8 Datasheet HTML 6Page - Integrated Device Technology 5V41235NLGI8 Datasheet HTML 7Page - Integrated Device Technology 5V41235NLGI8 Datasheet HTML 8Page - Integrated Device Technology 5V41235NLGI8 Datasheet HTML 9Page - Integrated Device Technology 5V41235NLGI8 Datasheet HTML 10Page - Integrated Device Technology 5V41235NLGI8 Datasheet HTML 11Page - Integrated Device Technology 5V41235NLGI8 Datasheet HTML 12Page - Integrated Device Technology 5V41235NLGI8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
5V41235
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
IDT® 2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
9
5V41235
MAY 5, 2017
AC Electrical Characteristics - CLK0/CLK1, CLK0/CLK1
Unless stated otherwise, VDD=3.3 V ±5%, Ambient Temperature -40 to +85
C
Note 1: Test setup is RS=33RP=50 with CL=2 pF, Rr = 475 (1%).
Note 2: Measurement taken from a single-ended waveform.
Note 3: Measurement taken from a differential waveform.
Note 4: Measured at the crossing point where instantaneous voltages of both CLK and CLK are equal.
Note 5: CLK pins are tri-stated when OE is low asserted. CLK is driven differential when OE is high.
Electrical Characteristics - Differential Phase Jitter Parameters
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
25
MHz
Output Frequency
HCSL termination
25
200
MHz
LVDS termination
25
100
MHz
Output High Voltage1,2
VOH
HCSL
850
mV
Output Low Voltage1,2
VOL
HCSL
-150
mV
Crossing Point Voltage1,2
Absolute
250
550
mV
Crossing Point Voltage1,2,4
Variation over all edges
140
mV
Jitter, Cycle-to-Cycle1,3
100
ps
Frequency Synthesis Error
All outputs
0
ppm
Modulation Frequency
Spread spectrum
30
32.9
33
kHz
Rise Time1,2
tOR
From 0.175 V to 0.525 V
175
700
ps
Fall Time1,2
tOF
From 0.525 V to 0.175 V
175
700
ps
Rise/Fall Time Variation1,2
125
ps
Output to Output Skew
50
ps
Duty Cycle1,3
45
55
%
Output Enable Time5
All outputs
50
100
ns
Output Disable Time5
All outputs
50
100
ns
Stabilization Time
tSTABLE
From power-up VDD=3.3 V
1.8
ms
Spread Spectrum Transition
Time
tSPREAD
Stabilization time after spread
spectrum changes
730
ms
PARAMETER
Symbol
Conditions
Min
Typ
Max
Units
Notes
tjphaseG1
PCIe Gen 1
28
86
ps (p-p) 1,2,3
tjphaseG2Lo
PCIe Gen 2
10kHz < f < 1.5MHz
0.7
3
ps
(RMS)
1,2,3
tjphaseG2High
PCIe Gen 2
1.5MHz < f < Nyquist (50MHz)
1.8
3.1
ps
(RMS)
1,2,3
tjphaseG3
PCIe Gen 3
0.48
1
ps
(RMS)
1,2,3
1Guaranteed by design and characterization, not 100% tested in production.
TA = Commercial and Industrial, Supply Voltage VDD = 3.3 V +/-5%
2See http://www.pcisig.com for complete specs
3Applies to 100MHz, spread off and 0.5% down spread only.
SPEC
Jitter, Phase


Similar Part No. - 5V41235NLGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41235NLGI RENESAS-5V41235NLGI Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
More results

Similar Description - 5V41235NLGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com