Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA4835RI-TR Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA4835RI-TR
Description  Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4835RI-TR Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA4835RI-TR Datasheet HTML 1Page - Anpec Electronics Coropration APA4835RI-TR Datasheet HTML 2Page - Anpec Electronics Coropration APA4835RI-TR Datasheet HTML 3Page - Anpec Electronics Coropration APA4835RI-TR Datasheet HTML 4Page - Anpec Electronics Coropration APA4835RI-TR Datasheet HTML 5Page - Anpec Electronics Coropration APA4835RI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APA4835RI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APA4835RI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APA4835RI-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.7 - Mar., 2003
APA4835
www.anpec.com.tw
2
Block Diagram
(Over operating free-air temperature range unless otherwise noted.)
Symbol
Parameter
Rating
Unit
V
DD
Supply Voltage
6
V
T
A
Operating Ambient Temperature Range
-40 to 85
°C
T
J
Maximum Junction Temperature
Internally limited*1
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
S
Soldering Temperature,10 seconds
260
°C
V
ESD
Electrostatic Discharge
-2000 to 2000*2
V
Absolute Maximum Ratings
Note :*1. APA4835 integrates internal thermal shutdown protection when junction temperature ramp up to 150°C.
*2. Human body model : C=100pF, R=1500
Ω, 3 positive pulses plus 3 negative pulses
Ordering Information
P a c k ag e C o de
R : T S S O P -P
Te m p . R a n g e
I : -4 0 to 8 5 C
H a nd lin g C o d e
T U : T u b e
T R : T a p e & R e e l
APA 4 8 3 5
H a n d ling C o de
Te m p . R a n g e
P a c k ag e C o de
°
A P A 48 35 R :
A P A 48 35
XXX XX
X X X X X - D a te C o d e
Mode
Control
Mode
Mute
HP Sense
Volume
Control
32 steps
Beep
Detect
Power
Management
Click and Pop
Suppression
Circuitry
Internal gain select
Left Dock
20K
20K
20K
10K
10K
- Left Out
20K
20K
+ Right Out
- Right Out
0.068
µF
20K
10K
20K
20K
10K
0.068
µF
20K
20K
Right Dock
Shutdown
V
DD
GND
Bypass
Bias
Left In
0.33
µF
Right In
0.33
µF
20K
200K
200K
20K
Beep In
+ Left Out
DC Vol Control
20K
20K


Similar Part No. - APA4835RI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4838 ANPEC-APA4838 Datasheet
244Kb / 29P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4838R ANPEC-APA4838R Datasheet
244Kb / 29P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4838RI-TR ANPEC-APA4838RI-TR Datasheet
244Kb / 29P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4838RI-TU ANPEC-APA4838RI-TU Datasheet
244Kb / 29P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
More results

Similar Description - APA4835RI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4838 ANPEC-APA4838 Datasheet
244Kb / 29P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4938 TI1-LM4938 Datasheet
8Mb / 34P
[Old version datasheet]   Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com