Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1582 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL1582
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1582 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL1582 Datasheet HTML 5Page - Anpec Electronics Coropration APL1582 Datasheet HTML 6Page - Anpec Electronics Coropration APL1582 Datasheet HTML 7Page - Anpec Electronics Coropration APL1582 Datasheet HTML 8Page - Anpec Electronics Coropration APL1582 Datasheet HTML 9Page - Anpec Electronics Coropration APL1582 Datasheet HTML 10Page - Anpec Electronics Coropration APL1582 Datasheet HTML 11Page - Anpec Electronics Coropration APL1582 Datasheet HTML 12Page - Anpec Electronics Coropration APL1582 Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Apr., 2003
APL1582
www.anpec.com.tw
11
Reference JEDEC Standard J-STD-020A APRIL 1999
Reflow Condition (IR/Convection or VPR Reflow)
Physical Specifications
Pre-heat temperature
183 C
Peak temperature
Time
°
Convection or IR/
Convection
VPR
Average ramp-up rate(183
°C to Peak)
3
°C/second max.
10
°C /second max.
Preheat temperature 125
± 25 °C)
120 seconds max.
Temperature maintained above 183 °C
60 ~ 150 seconds
Time within 5 °C of actual peak temperature
10 ~ 20 seconds
60 seconds
Peak temperature range
220 +5/-0
°C or 235 +5/-0°C
215~ 219
°C or 235 +5/-0 °C
Ramp-down rate
6
°C /second max.
10
°C /second max.
Time 25
°C to peak temperature
6 minutes max.
pkg. thickness
≥≥≥≥ 2.5mm
and all bags
pkg. thickness < 2.5mm and
pkg. volume
≥≥≥≥ 350 mm
pkg. thickness < 2.5mm and pkg.
volume <
Convection 220 +5/-0
°C
Convection 235 +5/-0 °C
VPR 215-219
°C
VPR 235 +5/-0 °C
IR/Convection 220 +5/-0
°C
IR/Convection 235 +5/-0
°C
Classification Reflow Profiles
Terminal Material
Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb).
Lead Solderability
Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.


Similar Part No. - APL1582

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
APL1582G5C-TRG ANPEC-APL1582G5C-TRG Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
APL1582U5C-TRG ANPEC-APL1582U5C-TRG Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
More results

Similar Description - APL1582

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com