Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMA2805D Datasheet(PDF) 5 Page - International Rectifier

Part # AMA2805D
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMA2805D Datasheet(HTML) 5 Page - International Rectifier

  AMA2805D Datasheet HTML 1Page - International Rectifier AMA2805D Datasheet HTML 2Page - International Rectifier AMA2805D Datasheet HTML 3Page - International Rectifier AMA2805D Datasheet HTML 4Page - International Rectifier AMA2805D Datasheet HTML 5Page - International Rectifier AMA2805D Datasheet HTML 6Page - International Rectifier AMA2805D Datasheet HTML 7Page - International Rectifier AMA2805D Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AMA28XXD SERIES
5
2016-05-18
Radiation Specifications
Block Diagram
Application Information
Inhibit Function
Connecting the inhibit input (Pin 5) to input common (Pin 7)
will cause the converter to shut down. It is recommended
that the enable pin be driven by an open collector device
capable of sinking at least 400 mA of
current. The open
circuit voltage of the inhibit input is 10 +1.0 VDC
EMI Filter
An optional EMI filter is available (ASF461 or AFH461) will
reduce the input ripple current to levels below the limits
imposed by MIL-STD-461 CE03. 
6
+Input
7
Input
Return
Housekeeping
Supply
1 +Output
3 -Output
Error
Amplifier
Controller
CS
5
Inhibit
8 Case
2 Output
Return
Thermal Considerations
Irrespective of the fact that the AMA28XXD series of
converters are relatively low power devices and are
designed to provide efficient voltage conversion, there
will be some heat generated during normal operation.
To avoid a continuous thermal rise that may eventually
exceed the maximum case temperature rating and to
maintain a safe operating environment for the internal
components, these converters should be attached to a
heat conducting surface allowing a continuous flow of
the heat away from the base plate. This becomes more
important
when
operating
in
the
near
vacuum
environment of space which provides no alternate heat
radiating path.
Parameter
Condition
Min
Typ
Max
Unit
Total Ionizing Dose
MIL-STD-883, Method 1019.4
Operating bias applied during exposure
25
kRads (Si)
Heavy Ion
(Single event effects)
BNL Dual Van de Graf Generator
60
MeV·cm2/mg
IR HiRel currently does not have a DLA certified Radiation Hardness Assurance Program.


Similar Part No. - AMA2805D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMA2805D ETC2-AMA2805D Datasheet
25Kb / 2P
   Radiation Tolerant DC/DC Converters
logo
International Rectifier
AMA2805D/CH IRF-AMA2805D/CH Datasheet
126Kb / 7P
   HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
AMA2805D/CH IRF-AMA2805D/CH Datasheet
134Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMA2805D/EM IRF-AMA2805D/EM Datasheet
126Kb / 7P
   HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
AMA2805D/EM IRF-AMA2805D/EM Datasheet
134Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results

Similar Description - AMA2805D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXD IRF-AMR28XXD Datasheet
128Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com