Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA4558OC-TR Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APA4558OC-TR
Description  Dual Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4558OC-TR Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APA4558OC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Nov., 2001
APA4558
www.anpec.com.tw
7
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
H
5.80
6.20
0.228
0.244
L
0.40
1.27
0.016
0.050
e1
0.33
0.51
0.013
0.020
e2
1.27BSC
0.50BSC
φ 1
Package Information
SOP- 8 pin ( Reference JEDEC Registration MS-012)
H
E
e1
e2
D
A
A1
0.004max.
1
L
e
0.015X45°


Similar Part No. - APA4558OC-TR

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA450 ACTEL-APA450 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA450 ACTEL-APA450 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA450 ACTEL-APA450 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA450 MICROSEMI-APA450 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA450 MICROSEMI-APA450 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA4558OC-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com