Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0401X-10 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPL0401X-10
Description  128-TAPS Single-Channel Digital Potentiometer With I2C Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401X-10 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPL0401X-10 Datasheet HTML 3Page - Texas Instruments TPL0401X-10 Datasheet HTML 4Page - Texas Instruments TPL0401X-10 Datasheet HTML 5Page - Texas Instruments TPL0401X-10 Datasheet HTML 6Page - Texas Instruments TPL0401X-10 Datasheet HTML 7Page - Texas Instruments TPL0401X-10 Datasheet HTML 8Page - Texas Instruments TPL0401X-10 Datasheet HTML 9Page - Texas Instruments TPL0401X-10 Datasheet HTML 10Page - Texas Instruments TPL0401X-10 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Temperature (qC)
-40
-10
20
50
80
110
130
-1
-0.5
0
0.5
1
D005
2.7 V
3.3 V
5.5 V
Digital Code
0
16
32
48
64
80
96
112
128
0
30
60
90
120
150
180
210
240
270
300
D006
2.7 V
3.3 V
5.5 V
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
D004
2.7 V
3.3 V
5.5 V
Digital Code
0
16
32
48
64
80
96
112
128
-1
-0.5
0
0.5
1
D003
2.7 V
3.3 V
5.5 V
Digital Code
0
18
36
54
72
90
108
126
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
D001
2.7 V
3.3 V
5.5 V
Digital Code
0
18
36
54
72
90
108
126
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
D002
2.7 V
3.3 V
5.5 V
7
TPL0401A
TPL0401B
www.ti.com
SLIS144B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
Product Folder Links: TPL0401A TPL0401B
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
7.7 Typical Characteristics
Figure 1. INL vs Tap Position (Potentiometer Mode)
Figure 2. DNL vs Tap Position (Potentiometer Mode)
Figure 3. INL vs Tap Position (Rheostat Mode)
Figure 4. Full Scale Error vs Temperature
Figure 5. End-to-End RTOTAL Change vs Temperature
Figure 6. Temperature Coefficient vs TAP Position
(Potentiometer Mode)


Similar Part No. - TPL0401X-10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401x-10-Q1 TI1-TPL0401x-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
More results

Similar Description - TPL0401X-10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com