Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3404 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3404
Description  Quad Digital Adapter for Subscriber Loops (QDASL)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3404 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button TP3404 Datasheet HTML 5Page - National Semiconductor (TI) TP3404 Datasheet HTML 6Page - National Semiconductor (TI) TP3404 Datasheet HTML 7Page - National Semiconductor (TI) TP3404 Datasheet HTML 8Page - National Semiconductor (TI) TP3404 Datasheet HTML 9Page - National Semiconductor (TI) TP3404 Datasheet HTML 10Page - National Semiconductor (TI) TP3404 Datasheet HTML 11Page - National Semiconductor (TI) TP3404 Datasheet HTML 12Page - National Semiconductor (TI) TP3404 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Functional Description (Continued)
In the same manner the time-slot number should be written
into the appropriate TSR registers for receive data at the BO
and DO pins TSRB1 is the time-slot assignment for the
receive B1 channel TSRB2 is the time-slot assignment reg-
ister for the receive B2 channel and TSRD is the sub-slot
assignment register for the receive D channel
Whenever any receive time-slot is active at BO the TSB
output is also pulled low
REGISTERS TSXB1 TSXB2 TSRB1 TSRB2
The data format for all B channel time-slot assignment reg-
isters is shown in Table IV
Bit 7 Transparency Control EB
This bit enables or disables data transparency between the
digital interface and the line interface for the selected chan-
nel
EB e 0 disables the channel
EB e 1 enables the channel
When the transmit direction (towards the line) is disabled
there will be all ‘‘ONE’s’’ (scrambled) as data for this chan-
nel at the Lo pin If the receive direction (from the line) is
disabled BO will stay high impedance for the programmed
time slot while if it is enabled data out on BO in the as-
signed time slot is the data from Li
Bits 5 – 0 TS5 – TS0
These bits define the binary number of the time-slot select-
ed Time-slots are numbered from 0 – 63 The frame sync
signal is used as marker pulses for the beginning of time
slot 0
TABLE IV Byte 2 of Register TSXB1 TSXB2 TSRB1 or
TSRB2 for B Channel Time-Slot Assignment
Bit Number and Name
Function
7
6
543210
EB
X
TS5
TS4
TS3
TS2
TS1
TS0
0
X
XXXXXX
Disable B1
andor B2
1
X
Assign One Binary Coded Time-Slot
Enable B1 andor
from 0–63
B2
Note
If two B channels are erroneously assigned to the same time-slot
data out on Bo is not valid while data out on Lo is valid
REGISTERS TXD TRD
The data format for all D channel time-slot assignment reg-
isters is as follows
Data transparency between the digital interface and the line
interface for the D channels can be controlled via the Chan-
nel Control Register see Table III
Bits 7 – 0 TS7 – TS0
These bits define the binary number of the sub-slot select-
ed Sub-slots are numbered from 0 – 255 The frame sync
signal is used as marker pulses for the beginning of Sub-slot
0
TABLE V Byte 2 of Register TSXD or TSRD for D
Channel Time-Slot Assignment
Bit Number and Name
76543210
SS
SS
SS
SS
SS
SS
SS
SS
76543210
Assign One Binary Coded Sub-Slot from 0–255 for D Channel
TLH11924 – 6
FIGURE 4 QDASL Digital Interface Timing
9


Similar Part No. - TP3404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP3404 TI1-TP3404 Datasheet
397Kb / 19P
[Old version datasheet]   TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
TP3404V/63SN TI1-TP3404V/63SN Datasheet
397Kb / 19P
[Old version datasheet]   TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
TP3404V/NOPB TI1-TP3404V/NOPB Datasheet
397Kb / 19P
[Old version datasheet]   TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
TP3404 TI1-TP3404_14 Datasheet
397Kb / 19P
[Old version datasheet]   TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
More results

Similar Description - TP3404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP3404 TI1-TP3404_14 Datasheet
397Kb / 19P
[Old version datasheet]   TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
TP3401 TI1-TP3401_12 Datasheet
233Kb / 17P
[Old version datasheet]   DASL Digital Adapter for Subscriber Loops
logo
National Semiconductor ...
TP3406 NSC-TP3406 Datasheet
234Kb / 16P
   DASL Digital Adapter for Subscriber Loops
TP3401 NSC-TP3401 Datasheet
249Kb / 16P
   DASL Digital Adapter for Subscriber Loops
logo
Agilent(Hewlett-Packard...
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
List of Unclassifed Man...
CPF105C ETC1-CPF105C Datasheet
57Kb / 10P
   Asymmetric Digital Subscriber Line
logo
Advanced Micro Devices
AM79C30A AMD-AM79C30A Datasheet
1Mb / 101P
   Digital Subscriber Controller??(DSC?? Circuit
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
   Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com