Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS767D318PWPG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS767D318PWPG4
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS767D318PWPG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS767D318PWPG4 Datasheet HTML 1Page - Texas Instruments TPS767D318PWPG4 Datasheet HTML 2Page - Texas Instruments TPS767D318PWPG4 Datasheet HTML 3Page - Texas Instruments TPS767D318PWPG4 Datasheet HTML 4Page - Texas Instruments TPS767D318PWPG4 Datasheet HTML 5Page - Texas Instruments TPS767D318PWPG4 Datasheet HTML 6Page - Texas Instruments TPS767D318PWPG4 Datasheet HTML 7Page - Texas Instruments TPS767D318PWPG4 Datasheet HTML 8Page - Texas Instruments TPS767D318PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
NC
NC
1GND
1IN
1IN
NC
NC
2GND
2IN
2IN
NC
NC
NC=Nointernalconnection
NC
NC
1FB/NC
1OUT
1OUT
NC
NC
NC
2OUT
2OUT
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1EN
2EN
2RESET
1RESET
PWPPACKAGE
(TOPVIEW)
TPS767D3xx
www.ti.com......................................................................................................................................................... SLVS209H – JULY 1999 – REVISED AUGUST 2008
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
1GND
3
Regulator #1 ground
1EN
4
Regulator #1 enable
1IN
5, 6
Regulator #1 input supply voltage
2GND
9
Regulator #2 ground
2EN
10
Regulator #2 enable
2IN
11, 12
Regulator #2 input supply voltage
2OUT
17, 18
Regulator #2 output voltage
2RESET
22
Regulator #2 reset signal
1OUT
23, 24
Regulator #1 output voltage
1FB/NC
25
Regulator #1 output voltage feedback for adjustable output; no connection for fixed output
1RESET
28
Regulator #1 reset signal
NC
1, 2, 7, 8,
No internal connection
13–16, 19,
20, 21, 26,
27
Copyright © 1999–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS767D318PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767D318PWPG4 TI1-TPS767D318PWPG4 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS767D318PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI-TPS767D301-Q1 Datasheet
370Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com