Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72018DRVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72018DRVR
Description  350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72018DRVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS72018DRVR Datasheet HTML 1Page - Texas Instruments TPS72018DRVR Datasheet HTML 2Page - Texas Instruments TPS72018DRVR Datasheet HTML 3Page - Texas Instruments TPS72018DRVR Datasheet HTML 4Page - Texas Instruments TPS72018DRVR Datasheet HTML 5Page - Texas Instruments TPS72018DRVR Datasheet HTML 6Page - Texas Instruments TPS72018DRVR Datasheet HTML 7Page - Texas Instruments TPS72018DRVR Datasheet HTML 8Page - Texas Instruments TPS72018DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TPS720
SBVS100E – JUNE 2008 – REVISED SEPTEMBER 2015
www.ti.com
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Charged-device model (CDM), per JEDEC specification JESD22-
V(ESD)
Electrostatic discharge
±500
V
C101(2)
Machine model (MM)
±100
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating junction-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage (steady-state)
1.1
VBIAS or 4.5
(1)
V
VBIAS
Bias voltage
2.5 or or VOUT + 1.4(2)
5.5
V
VOUT
Output voltage
0.9
3.6
V
IOUT
Peak output current
0
350
mA
CIN
Input capacitance
1
µF
CBIAS
Bias capacitance
0.1
µF
COUT
(3)
Output capacitance
2.2
µF
(1)
Whichever is less
(2)
Whichever is greater
(3)
Maximum ESR should be less than 250 m
Ω.
6.4 Thermal Information
TPS720
THERMAL METRIC(1)
DRV (SON)
YZU (WSCP)
UNIT
6 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
66.5
144.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
86.2
1.1
°C/W
RθJB
Junction-to-board thermal resistance
36.1
27.5
°C/W
ψJT
Junction-to-top characterization parameter
1.7
4.1
°C/W
ψJB
Junction-to-board characterization parameter
36.6
27.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.4
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS720


Similar Part No. - TPS72018DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72018DRVR TI1-TPS72018DRVR Datasheet
850Kb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72018DRVR TI-TPS72018DRVR Datasheet
1Mb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72018DRVR TI1-TPS72018DRVR Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
More results

Similar Description - TPS72018DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720 TI1-TPS720_18 Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI-TPS720_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS72009 TI1-TPS72009 Datasheet
850Kb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72011 TI-TPS72011 Datasheet
1Mb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI-TPS720 Datasheet
552Kb / 19P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX TI-TPS720XX Datasheet
741Kb / 21P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX_0809 TI-TPS720XX_0809 Datasheet
926Kb / 22P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
logo
STMicroelectronics
LD56050 STMICROELECTRONICS-LD56050 Datasheet
623Kb / 21P
   500 mA ultra-low dropout linear regulator with bias supply
Rev 2 - April 2018
logo
Analog Devices
ADP130 AD-ADP130 Datasheet
491Kb / 20P
   350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com