Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2377-1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2377-1
Description  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2377-1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2377-1 Datasheet HTML 1Page - Texas Instruments TPS2377-1 Datasheet HTML 2Page - Texas Instruments TPS2377-1 Datasheet HTML 3Page - Texas Instruments TPS2377-1 Datasheet HTML 4Page - Texas Instruments TPS2377-1 Datasheet HTML 5Page - Texas Instruments TPS2377-1 Datasheet HTML 6Page - Texas Instruments TPS2377-1 Datasheet HTML 7Page - Texas Instruments TPS2377-1 Datasheet HTML 8Page - Texas Instruments TPS2377-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
data sheet
TPS2375-1
TPS2377-1
www.ti.com ......................................................................................................................................................... SLVS570A – MARCH 2005 – REVISED APRIL 2008
MIN
MAX
UNIT
VDD, PG, RTN
0
57
V
Input voltage range
UVLO
0
5
V
Operating current range (sinking)
RTN
0
350
mA
Classification resistor(1)
CLASS
255
4420
R(ILIM) Inrush limit program resistor
(1)
62.5
500
k
Sinking current
PG
0
2
mA
TJ
Operating junction temperature
-40
125
°C
TA
Operating free–air temperature
-40
85
°C
(1)
Voltage should not be externally applied to CLASS and ILIM.
V(VDD) = 48 V, R(DET) = 24.9 kΩ, R(CLASS) = 255 Ω, R(ILIM) = 178 kΩ, and –40°C ≤ TJ ≤ 125°C, unless otherwise noted. Positive
currents are into pins. Typical values are at 25
°C. All voltages are with respect to VSS unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DETECTION
DET open, V(VDD) = V(RTN) = 1.9 V, measure
Offset current
0.3
3
µA
I(VDD) + I(RTN)
DET open, V(VDD) = V(RTN) = 10.1 V, measure
Sleep current
4
12
µA
I(VDD) + I(RTN)
DET leakage current
V(DET) = V(VDD) = 57 V, measure I(DET)
0.1
5
µA
V(RTN) = V(VDD),
V(VDD) = 1.4 V
53.7
56
58.3
µA
R(DET) = 24.9 kΩ,
Detection current
measure I(VDD) + I(RTN) +
V(VDD) = 10.1 V
395
410
417
µA
I(DET)
CLASSIFICATION
R(CLASS) = 4420 Ω, 13 ≤ V(VDD) ≤ 21 V
2.2
2.4
2.8
R(CLASS) = 953 Ω, 13 ≤ V(VDD) ≤ 21 V
10.3
10.6
11.3
I(CLASS)
Classification current(1)
R(CLASS) = 549 Ω, 13 ≤ V(VDD) ≤ 21 V
17.7
18.3
19.5
mA
R(CLASS) = 357 Ω, 13 ≤ V(VDD) ≤ 21 V
27.1
28
29.5
R(CLASS) = 255 Ω, 13 ≤ V(VDD) ≤ 21 V
38
39.4
41.2
V(CL_ON)
Classification lower threshold
Regulator turns on, V(VDD) rising
10.2
11.3
13.0
V
V(CU_OFF)
Regulator turns off, V(VDD) rising
21
21.9
23
V
Classification upper threshold
V(CU_H)
Hysteresis
0.5
0.78
1
V
Leakage current
V(CLASS) = 0 V, V(VDD) = 57 V
1
µA
PASS DEVICE
rDS(on)
On resistance
I(RTN) = 300 mA
0.58
1.0
Leakage current
V(VDD) = V(RTN) = 30 V
15
µA
Current limit
V(RTN) = 1 V
405
461
515
mA
I(LIM)
Inrush limit
V(RTN) = 2 V, R(ILIM) = 178 kΩ
100
130
180
mA
V(RTN) falling, R(ILIM) = 178 kΩ, inrush
85%
91%
100%
Inrush current termination (2)
state
→normal operation
R(ILIM) = 69.8 kΩ, V(RTN-VSS) = 5 V,
15
25
Current rise time into inrush
I(RTN) = 30 mA→300 mA, V(VDD) increasing
µs
past upper UVLO
Apply load
∞Ω→20 Ω, time measured to
2
2.5
Current limit response time
µs
I(RTN) = 45 mA
Leakage current, ILIM
V(VDD) = 15 V, V(UVLO) = 0 V
1
µA
(1)
Classification is tested with exact resistor values. A 1% tolerance classification resistor ensures compliance with IEEE 802.3af limits.
(2)
This parameter specifies the RTN current value, as a percentage of the steady state inrush current, below which it must fall to make PG
assert (open-drain).
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2375-1 TPS2377-1


Similar Part No. - TPS2377-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2377-1 TI-TPS2377-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2377-1 TI-TPS2377-1 Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
More results

Similar Description - TPS2377-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5969A MAXIM-MAX5969A Datasheet
1Mb / 14P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
Rev 0; 12/09
MAX5969A MAXIM-MAX5969A_V01 Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com