Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51218 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS51218
Description  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51218 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS51218_16 Datasheet HTML 3Page - Texas Instruments TPS51218_16 Datasheet HTML 4Page - Texas Instruments TPS51218_16 Datasheet HTML 5Page - Texas Instruments TPS51218_16 Datasheet HTML 6Page - Texas Instruments TPS51218_16 Datasheet HTML 7Page - Texas Instruments TPS51218_16 Datasheet HTML 8Page - Texas Instruments TPS51218_16 Datasheet HTML 9Page - Texas Instruments TPS51218_16 Datasheet HTML 10Page - Texas Instruments TPS51218_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
GND
SW
TPS51218
OCP
ZC
XCON
RF
FCCM
VBST
V5IN
PWM
VFB
TRIP
Auto-skip/FCCM
+
+
Delay
0.7 V +10/15%
0.7 V –5/10%
PGOOD
Control Logic
UDG-09065
10 mA
+
+
0.7 V –30%
0.7 V +20%
+
+
EN
Ramp Comp
Enable/SS Control
+
+
+
0.7 V
x(-1/8)
x(1/8)
Frequency
Setting
Detector
DRVH
DRVL
t
ON
One-
Shot
Auto-skip
UV
OV
TPS51218
www.ti.com
SLUS935B
– MAY 2009 – REVISED FEBRUARY 2012
FUNCTIONAL BLOCK DIAGRAM
Copyright
© 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS51218


Similar Part No. - TPS51218_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51218DSCR TI-TPS51218DSCR Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218DSCT TI-TPS51218DSCT Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
More results

Similar Description - TPS51218_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51211 TI1-TPS51211 Datasheet
677Kb / 26P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
TPS51217 TI-TPS51217 Datasheet
1,006Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Texas Instruments
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com