Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61045DRBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61045DRBR
Description  Digitally Adjustable Boost Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61045DRBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61045DRBR Datasheet HTML 2Page - Texas Instruments TPS61045DRBR Datasheet HTML 3Page - Texas Instruments TPS61045DRBR Datasheet HTML 4Page - Texas Instruments TPS61045DRBR Datasheet HTML 5Page - Texas Instruments TPS61045DRBR Datasheet HTML 6Page - Texas Instruments TPS61045DRBR Datasheet HTML 7Page - Texas Instruments TPS61045DRBR Datasheet HTML 8Page - Texas Instruments TPS61045DRBR Datasheet HTML 9Page - Texas Instruments TPS61045DRBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
VIN -InputVoltage-V
0
10
20
30
40
50
60
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
TA = - 40
oC
TA =25
oC
TA =85 C
o
TA -Free-Air Temperature- C
o
1.233
1.234
1.235
1.236
1.237
1.238
- 40
- 15
10
35
60
85
VIN =2.4V
IO - OutputCurrent -mA
70
72
74
76
78
80
82
84
86
88
L =4.7 H
m
VO =18V
0.1
1
10
100
VIN =5V
VIN =3.6V
VIN =2.4V
VIN -InputVoltage-V
60
63
66
69
72
75
78
81
84
87
90
1
2
3
4
5
6
IO =10mA
IO =5mA
L =4.7 F
m
VO =18V
TPS61045
SLVS440C – JANUARY 2003 – REVISED DECEMBER 2014
www.ti.com
6.7 Typical Characteristics
Table 1. Table of Graphs
Graph Title
Figure
Efficiency vs Load Current
Figure 1
η
Efficiency vs Input Voltage
Figure 2
IDD(Q)
Quiescent Current vs Input Voltage
Figure 3
VFB
Feedback Voltage vs Temperature
Figure 4
IFB
Feedback Current vs Temperature
Figure 5
rDS(on) Main Switch Q2 vs Temperature
Figure 6
rDS(on) Main Switch Q2 vs Input Voltage
Figure 7
rDS(on)
rDS(on) Input Switch Q1 vs Temperature
Figure 8
rDS(on) Input Switch Q1 vs Input Voltage
Figure 9
VDO Voltage vs CTRL Input Step
Figure 10
Line Transient Response
Figure 13
VDO
Load Transient Response
Figure 14
PFM Operation
Figure 15
Softstart
Figure 16
Figure 1. Efficiency vs Load Current
Figure 2. Efficiency vs Input Voltage
Figure 4. Feedback Voltage vs Temperature
Figure 3. Quiescent Current vs Input Voltage
6
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: TPS61045


Similar Part No. - TPS61045DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61045DRBR TI-TPS61045DRBR Datasheet
499Kb / 20P
[Old version datasheet]   DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
TPS61045DRBR TI1-TPS61045DRBR Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
TPS61045DRBRG4 TI1-TPS61045DRBRG4 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
More results

Similar Description - TPS61045DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
[Old version datasheet]   DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264_14 Datasheet
1Mb / 83P
   One Programmable/Adjustable Boost Converter
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
   Digitally adjustable gain
logo
Maxim Integrated Produc...
AN629 MAXIM-AN629 Datasheet
58Kb / 6P
   Digitally Adjustable Voltage References
Jul 01, 2001
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
ams AG
AS1344 AMSCO-AS1344 Datasheet
1Mb / 19P
   42V, DC-DC Boost Converter with adjustable Softstart
logo
Maxim Integrated Produc...
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
   Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
   Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
logo
Diodes Incorporated
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com