Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61045DRBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61045DRBR
Description  Digitally Adjustable Boost Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61045DRBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61045DRBR Datasheet HTML 5Page - Texas Instruments TPS61045DRBR Datasheet HTML 6Page - Texas Instruments TPS61045DRBR Datasheet HTML 7Page - Texas Instruments TPS61045DRBR Datasheet HTML 8Page - Texas Instruments TPS61045DRBR Datasheet HTML 9Page - Texas Instruments TPS61045DRBR Datasheet HTML 10Page - Texas Instruments TPS61045DRBR Datasheet HTML 11Page - Texas Instruments TPS61045DRBR Datasheet HTML 12Page - Texas Instruments TPS61045DRBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
V
O(DO) +
V
ref
26–1
TPS61045
www.ti.com
SLVS440C – JANUARY 2003 – REVISED DECEMBER 2014
Feature Description (continued)
7.3.2 Softstart
If no special precautions are taken, all inductive step-up converters exhibit high inrush current during start up.
This can cause voltage drops at the input rail during start-up, which may result in an unwanted or premature
system shutdown.
When the device is enabled, the internal input switch (Q1) is slowly turned on to reduce the inrush current
charging the capacitor (C2) connected to pin L. Furthermore, the TPS61045 device limits this inrush current
during start-up by increasing the current limit in two steps starting from ILIM / 4 for 256 switch cycles to ILIM / 2 for
the next 256 switch cycles.
7.3.3 Enable (CTRL Pin)
The CTRL pin serves two functions. One function is the enable and disable of the device. The other function is
the output voltage programming of the device. If the digital interface is not required, the CTRL pin is used as a
standard enable pin for the device.
Pulling the CTRL pin high enables the device beginning with the softstart cycle.
Pulling the CTRL pin to ground for a period of
≥560 μs shuts down the device, reducing the shutdown current to
0.1
μA (typical). During shutdown, the internal input switch (Q1) remains open and disconnects the load from the
input supply of the device.
The user must terminate this pin. For more details on how to use the interface function, see Digital Interface
(CTRL).
7.3.4 DAC Output (DO)
The TPS61045 device allows digital adjustment of the output voltage using the digital CTRL interface, as
described in Digital Interface (CTRL). The DAC output pin (DO) drives an external resistor (R3) connected to the
external feedback divider. The DO output has a typical output voltage range from 0 V to Vref (1.233 V). If the DO
output voltage is set to 0 V, the external resistor (R3) is more or less in parallel with the lower feedback resistor
(R2), giving the highest output voltage. Programming the DO output to Vref gives the lowest output voltage.
Internally, a 6-bit DAC is used with 64 steps and 0 as the first step. This gives a typical voltage step of 19.6 mV,
which is calculated as:
(3)
See Setting the Output Voltage for further information.
After start-up, when the CTRL pin is pulled high, the DO output voltage is set to its center voltage, which is the
32nd step of typical V(DO) = 607 mV.
7.3.5 Digital Interface (CTRL)
When the CTRL pin is pulled high, the device starts up with softstart and the DAC output voltage (DO) sets to its
center voltage with a typical output voltage of 607 mV.
The output voltage can be programmed by pulling the CTRL pin low for a certain period of time. Depending on
this time period, the internal DAC voltage increases or decreases one digital step, as outlined in Table 2 and
Figure 11. Programming the DAC output V(DO) to 0 V places R3 in parallel to R2, which gives the maximum
output voltage. If the DAC is programmed to its maximum output voltage equal to the internal reference voltage,
typically V(DO) = 1.233 V, then the output has its minimum output voltage.
Table 2. Timing Table
DAC OUTPUT DO
TIME
LOGIC LEVEL
Increase one step
tUP = 1 to 60 μs
Low
Decrease one step
tDWN = 140 to 240 μs
Low
Shutdown
tOFF ≥ 560 μs
Low
Delay between steps
td1 = 1 μs
High
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS61045


Similar Part No. - TPS61045DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61045DRBR TI-TPS61045DRBR Datasheet
499Kb / 20P
[Old version datasheet]   DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
TPS61045DRBR TI1-TPS61045DRBR Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
TPS61045DRBRG4 TI1-TPS61045DRBRG4 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
More results

Similar Description - TPS61045DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
[Old version datasheet]   DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264_14 Datasheet
1Mb / 83P
   One Programmable/Adjustable Boost Converter
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
   Digitally adjustable gain
logo
Maxim Integrated Produc...
AN629 MAXIM-AN629 Datasheet
58Kb / 6P
   Digitally Adjustable Voltage References
Jul 01, 2001
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
ams AG
AS1344 AMSCO-AS1344 Datasheet
1Mb / 19P
   42V, DC-DC Boost Converter with adjustable Softstart
logo
Maxim Integrated Produc...
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
   Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
   Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
logo
Diodes Incorporated
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com