Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86L85 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z86L85
Description  Programmable input glitch filter for pulse reception
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L85 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z86L85 Datasheet HTML 5Page - Zilog, Inc. Z86L85 Datasheet HTML 6Page - Zilog, Inc. Z86L85 Datasheet HTML 7Page - Zilog, Inc. Z86L85 Datasheet HTML 8Page - Zilog, Inc. Z86L85 Datasheet HTML 9Page - Zilog, Inc. Z86L85 Datasheet HTML 10Page - Zilog, Inc. Z86L85 Datasheet HTML 11Page - Zilog, Inc. Z86L85 Datasheet HTML 12Page - Zilog, Inc. Z86L85 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
Z86L82/85/88
28-Pin Low-Voltage IR Microcontrollers
PS009007-1202
2
Programmable mask options:
– Oscillator selection: RC oscillator versus crystal or other clock source
– Oscillator operational mode: normal high-frequency operation enabled
versus 32-KHz operation enabled
– Port 0: 0–3 pull-ups
– Port 0: 4–7 pull-ups
– Port 2: 0–7 pull-ups
– Port 3: pull-ups
– Port 0: 0–3 Mouse Mode: Normal Mode (.5VDD input threshold) versus
Mouse Mode (.4VDD input threshold)
The mask option pull-up transistor has a typical equivalent
resistance of 200 K
W ±50% at VCC=3 V and 450 KW ±50% at
VCC=2 V.
General Description
The Z86L82/85/88 are ROM-based members of the Z8 MCU single-chip family of
infrared (IR) controllers, featuring 237 bytes of general-purpose RAM and 4/8/16
KB of ROM, respectively. ZiLOG’s CMOS microcontrollers offer fast executing,
efficient use of memory, sophisticated interrupts, input/output bit manipulation
capabilities, automated pulse generation/reception, and internal key-scan pull-up
transistors.
The Z86L8X architecture is based on ZiLOG's 8-bit microcontroller core featuring
an Expanded Register File to allow access to register-mapped peripherals, I/O cir-
cuits, and powerful counter/timer circuitry. The Z8 offers a flexible I/O scheme, an
efficient register and address-space structure, and a number of ancillary features
that are useful in many consumer, automotive, computer peripheral, and battery-
operated hand-held applications.
Three basic address spaces are available to support a wide range of configura-
tions: program memory, register file, and Expanded Register File. The register file
consists of 256 bytes of RAM. It includes 4 I/O port registers, 16 control and status
registers, and 236 general-purpose registers. [Register FEh (SPH) can be used
as a general-purpose register.] The Expanded Register File consists of two addi-
tional register groups (F and D).
The Z86L8X offers a new intelligent counter/timer architecture with 8-bit and 16-bit
counter/timers (Figure 1). Also included are a large number of user-selectable
modes and two on-board comparators to process analog signals with separate
reference voltages (see Figure 9 on page 18).
Note:


Similar Part No. - Z86L85

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
Z86L85 MAXIM-Z86L85 Datasheet
443Kb / 78P
   28-Pin Low-Voltage IR Microcontrollers
Rev 0; 4/09
Z86L8508PSC MAXIM-Z86L8508PSC Datasheet
443Kb / 78P
   28-Pin Low-Voltage IR Microcontrollers
Rev 0; 4/09
Z86L8508SSC MAXIM-Z86L8508SSC Datasheet
443Kb / 78P
   28-Pin Low-Voltage IR Microcontrollers
Rev 0; 4/09
More results

Similar Description - Z86L85

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZGP323H ZILOG-ZGP323H Datasheet
1Mb / 107P
   Programmable input glitch filter for pulse reception
ZGP323L ZILOG-ZGP323L Datasheet
1Mb / 105P
   Programmable input glitch filter for pulse reception
logo
Sanyo Semicon Device
LV3403M SANYO-LV3403M Datasheet
49Kb / 3P
   3 V Operation Filter for FM Multiplex Broadcasting Reception
logo
IC-Haus GmbH
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
   PROGRAMMABLE ns-PULSE GENERATOR
IC149 ICHAUS-IC149 Datasheet
4Mb / 6P
   PROGRAMMABLE ns-PULSE GENERATOR
logo
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
   50 MHz Programmable Pulse Generators
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com