Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62051DGSR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62051DGSR
Description  800-mA Synchronous Step-Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62051DGSR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62051DGSR Datasheet HTML 5Page - Texas Instruments TPS62051DGSR Datasheet HTML 6Page - Texas Instruments TPS62051DGSR Datasheet HTML 7Page - Texas Instruments TPS62051DGSR Datasheet HTML 8Page - Texas Instruments TPS62051DGSR Datasheet HTML 9Page - Texas Instruments TPS62051DGSR Datasheet HTML 10Page - Texas Instruments TPS62051DGSR Datasheet HTML 11Page - Texas Instruments TPS62051DGSR Datasheet HTML 12Page - Texas Instruments TPS62051DGSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
FB
PG
VIN
8
LBO
GND
SYNC
EN
LBI
PGND
TPS62051
SW
1
6
7
3
2
9
5
4
10
R3
R4
R1
R2
R5
R6
R7
1 Cell Li-lon
Ci = 10 µF
L1 = 10
µH
VO = 2.5 V / 600 mA
Co = 22 µF
C(ff) =
6.8 pF
LBI
ENABLE
LBO
VIN
Bandgap
LBI
Comparator
Enable to Internal Circuitry
TPS62050, TPS62051, TPS62052, TPS62054, TPS62056
www.ti.com
SLVS432F – SEPTEMBER 2002 – REVISED JUNE 2015
Feature Description (continued)
9.3.3 ENABLE / Low-Battery Detector (Enhanced Version) TPS62051 Only
The TPS62051 device offers an enhanced LBI functionality to provide a precise, user-programmable
undervoltage shutdown. No additional supply voltage supervisor (SVS) is needed to provide this function.
When the enable (EN) pin is pulled high, only the internal bandgap voltage reference is switched on to provide a
reference source for the LBI comparator. As long as the voltage at LBI is less than the LBI trip point, all other
internal circuits are shut down, reducing the supply current to 5 µA. As soon as input voltage at LBI rises above
the LBI trip point of 1.21 V, the device is completely enabled and starts switching.
Figure 4. Block Diagram of ENABLE / LBI Functionality for TPS62051
The logic level of the LBO pin is not defined for the first 500 µs after EN is pulled high.
When the enhanced LBI is used to supervise the battery voltage and shut down the TPS62051 at low input
voltages, the battery voltage rises again when the current drops to zero. The implemented hysteresis on the LBI
pin may not be sufficient for all types of batteries. Figure 5 shows how an additional external hysteresis can be
implemented.
Figure 5. Enhanced LBI With Increased Hysteresis
A MATHCAD® file to calculate R7 can be downloaded from the product folder on the TI web.
9.3.4 Undervoltage Lockout
The undervoltage lockout (UVLO) circuit prevents the device from misoperation at low input voltages. The circuit
prevents the converter from turning on the switch or rectifier MOSFET under undefined conditions.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS62050 TPS62051 TPS62052 TPS62054 TPS62056


Similar Part No. - TPS62051DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62051DGSR TI1-TPS62051DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62051DGSRG4 TI1-TPS62051DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62051DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com