Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62051DGSRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62051DGSRG4
Description  800-mA Synchronous Step-Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62051DGSRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62051DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 9Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 10Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 11Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 12Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 13Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 14Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
(
)
L
DS(ON)
O
O
I
R
(max)
R
(max)
I
(max)
V
(min)
V
+
´
+
=
IO (max) = Maximum output current plus inductor ripple current
RDS(ON)(max) = Maximum P-Channel switch resistance
RL = DC resistance of the inductor
VO(max) = Nominal output voltage plus maximum output voltage tolerance
TPS62050, TPS62051, TPS62052, TPS62054, TPS62056
www.ti.com
SLVS432F – SEPTEMBER 2002 – REVISED JUNE 2015
Device Functional Modes (continued)
It is possible to switch from forced PWM mode to the power-save mode during operation by pulling the SYNC pin
low. The flexible configuration of the SYNC pin during operation of the device allows efficient power management
by adjusting the operation of the TPS6205x devices to the specific system requirements.
9.4.3 Power-Save Mode Operation (SYNC = LOW)
As the load current decreases, the converter enters the power-save mode operation. During power-save mode
the converter operates with reduced switching frequency in PFM and with a minimum quiescent current to
maintain high-efficiency. Whenever the average output current goes below the skip threshold, the converter
enters the power-save mode. The average current depends on the input voltage. The current is 100 mA at low
input voltages and up to 200 mA with maximum input voltage. The average output current must be less than the
threshold for at least 32 clock cycles (tcy) to enter the power-save mode. During the power save mode, the output
voltage is monitored with a comparator. When the output voltage falls below the comparator low threshold set to
0.8% above VO nominal, the P-channel switch turns on. The P-channel switch turns off as the peak switch
current of typically 200 mA is reached. The N-channel rectifier turns on and the inductor current ramps down. As
the inductor current approaches zero, the N-channel rectifier is turned off and the switch is turned on starting the
next pulse. When the output voltage can not be reached with a single pulse, the device continues to switch with
its normal operating frequency, until the comparator detects the output voltage to be 1.6% above the nominal
output voltage. The converter wakes up again when the output voltage falls below the comparator low threshold.
This control method reduces the quiescent current to typically to 12 µA and the switching frequency to a
minimum achieving the highest converter efficiency. Having these skip current thresholds 0.8% and 1.6% above
the nominal output voltage gives a lower absolute voltage drop during a load transient as anticipated with a
standard converter operating in this mode.
9.4.4 100% Duty Cycle Low Dropout Operation
The TPS6205x devices offer the lowest possible input to output voltage difference while still maintaining
operation with the use of the 100% duty cycle mode. In this mode, the P-channel switch is constantly turned on.
This is particularly useful in battery-powered applications to achieve longest operation time by taking full
advantage of the whole battery voltage range. The minimum input voltage to maintain regulation depends on the
load current and output voltage and can be calculated using Equation 1.
(1)
9.4.5 No Load Operation
If the converter operates in the forced PWM mode and there is no load connected to the output, the converter
regulates the output voltage by allowing the inductor current to reverse for a short period of time.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62050 TPS62051 TPS62052 TPS62054 TPS62056


Similar Part No. - TPS62051DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62051DGSRG4 TI1-TPS62051DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62051DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com