Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3808G33DRVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3808G33DRVT
Description  Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3808G33DRVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3808G33DRVT Datasheet HTML 7Page - Texas Instruments TPS3808G33DRVT Datasheet HTML 8Page - Texas Instruments TPS3808G33DRVT Datasheet HTML 9Page - Texas Instruments TPS3808G33DRVT Datasheet HTML 10Page - Texas Instruments TPS3808G33DRVT Datasheet HTML 11Page - Texas Instruments TPS3808G33DRVT Datasheet HTML 12Page - Texas Instruments TPS3808G33DRVT Datasheet HTML 13Page - Texas Instruments TPS3808G33DRVT Datasheet HTML 14Page - Texas Instruments TPS3808G33DRVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
C
T (nF)
t
D (s)
0.5
10 3 (s)
175
=
[
]
×
×
-
Delay (s) = CT (nF) + 0.5 x 10−3 (s)
20ms Delay
300ms Delay
(c)
(b)
(a)
175
3.3V
TPS3808G33
V
DD
SENSE
C
T
RESET
3.3V
TPS3808G33
V
DD
SENSE
C
T
C
T
RESET
3.3V
TPS3808G33
V
DD
SENSE
C
T
50k
RESET
V
IN
TPS3808G01
V
DD
SENSE
GND
RESET
R
1
R
2
1nF
V
=(1+)0.405
IT
¢
R1
R2
V
OUT
11
TPS3808
www.ti.com
SBVS050K – MAY 2004 – REVISED OCTOBER 2015
Product Folder Links: TPS3808
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Feature Description (continued)
Figure 9. Using the TPS3808G01 to Monitor a User-Defined Threshold Voltage
8.3.2 Selecting the RESET Delay Time
The TPS3808 has three options for setting the RESET delay time as shown in Figure 10. Figure 10 (a) shows
the configuration for a fixed 300-ms typical delay time by tying CT to VDD; a resistor from 40 kΩ to 200 kΩ must
be used. Supply current is not affected by the choice of resistor. Figure 10 (b) shows a fixed 20-ms delay time by
leaving the CT pin open. Figure 10 (c) shows a ground referenced capacitor connected to CT for a user-defined
program time between 1.25 ms and 10 s.
Figure 10. Configuration Used to Set the RESET Delay Time
The capacitor CT should be ≥ 100 pF nominal value in order for the TPS3808xxx to recognize that the capacitor
is present. The capacitor value for a given delay time can be calculated using Equation 1.
(1)
The reset delay time is determined by the time it takes an on-chip precision 220-nA current source to charge the
external capacitor to 1.23 V. When a RESET is asserted, the capacitor is discharged. When the RESET
conditions are cleared, the internal current source is enabled and begins to charge the external capacitor. When
the voltage on this capacitor reaches 1.23 V, RESET is deasserted. Note that a low-leakage type capacitor such
as a ceramic should be used, and that stray capacitance around this pin may cause errors in the reset delay
time.


Similar Part No. - TPS3808G33DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G33DRVT TI1-TPS3808G33DRVT Datasheet
1Mb / 31P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808G33DRVT TI1-TPS3808G33DRVT Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
More results

Similar Description - TPS3808G33DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com