Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62042DGQR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62042DGQR
Description  1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62042DGQR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62042DGQR Datasheet HTML 4Page - Texas Instruments TPS62042DGQR Datasheet HTML 5Page - Texas Instruments TPS62042DGQR Datasheet HTML 6Page - Texas Instruments TPS62042DGQR Datasheet HTML 7Page - Texas Instruments TPS62042DGQR Datasheet HTML 8Page - Texas Instruments TPS62042DGQR Datasheet HTML 9Page - Texas Instruments TPS62042DGQR Datasheet HTML 10Page - Texas Instruments TPS62042DGQR Datasheet HTML 11Page - Texas Instruments TPS62042DGQR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TPS62040
TPS62042, TPS62043
TPS62044, TPS62046
SLVS463B − JUNE 2003 − REVISED OCTOBER 2005
www.ti.com
8
Figure 7
1.18
1.18
1.19
1.19
1.20
1.20
1.21
1.21
1.22
1.22
1.23
1.23
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
5.7 6
SWITCHING FREQUENCY
vs
INPUT VOLTAGE
VI − Input Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
Figure 8
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
5.7 6
P-CHANNEL rDS(on)
vs
INPUT VOLTAGE
VI − Input Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
0.080
0.090
0.100
0.110
0.120
0.130
0.140
0.150
0.160
0.170
0.180
Figure 9
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
5.7 6
N-CHANNEL RECTIFIER rDS(on)
vs
INPUT VOLTAGE
VI − Input Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
0.050
0.060
0.070
0.080
0.090
0.100
0.110
0.120
0.130
0.140
0.150


Similar Part No. - TPS62042DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62042DGQR TI1-TPS62042DGQR Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62042DGQR TI1-TPS62042DGQR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62042DGQRG4 TI1-TPS62042DGQRG4 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62042DGQRG4 TI1-TPS62042DGQRG4 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62042DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
TPS62040 TI1-TPS62040_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com