Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARH2805R2S Datasheet(PDF) 2 Page - International Rectifier

Part # ARH2805R2S
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARH2805R2S Datasheet(HTML) 2 Page - International Rectifier

  ARH2805R2S Datasheet HTML 1Page - International Rectifier ARH2805R2S Datasheet HTML 2Page - International Rectifier ARH2805R2S Datasheet HTML 3Page - International Rectifier ARH2805R2S Datasheet HTML 4Page - International Rectifier ARH2805R2S Datasheet HTML 5Page - International Rectifier ARH2805R2S Datasheet HTML 6Page - International Rectifier ARH2805R2S Datasheet HTML 7Page - International Rectifier ARH2805R2S Datasheet HTML 8Page - International Rectifier ARH2805R2S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ARH28XXXXS SERIES
(28V Input, Single Output)
2
2016-06-29
Specifications
Absolute Maximum Ratings Note 1 
Recommended Operating Conditions  Note 2 
Input voltage range
-0.5VDC to +80VDC
Input voltage range
+18VDC to +60VDC
+18V to +50V for full de-rating to
MIL-STD-1547
Soldering temperature
300°C for 10 seconds Output power
0 to 30W
Storage case temperature
-65°C to +135°C
-55°C to +125°C
-55°C to +85°C for full de-rating to
MIL-STD-975
Operating case temperature
Static Characteristics -55°C ≤ TCASE ≤ +125°C, VIN = 28VDC ± 5%, CL= 0, unless otherwise specified.
For Notes to Electrical Performance Characteristics, refer to page 4
Parameter
Symbol
Test Conditions
Limits
Min.
Max.
Output voltage
ARH2802R5S
ARH2803R3S
ARH2805S
ARH2805R2S
ARH2812S
ARH2815S
VOUT
POUT = 30W, TC = +25°C
2.487
3.283
4.975
5.174
11.940
14.925
2.513
3.317
5.025
5.226
12.060
15.075
VDC
Output power
POUT
18VDC < VIN < 50VDC
0
30
W
Output current
ARH2802R5S
ARH2803R3S
ARH2805S
ARH2805R2S
ARH2812S
ARH2815S
IOUT
18VDC < VIN < 50VDC
0
0
0
0
0
0
12000
9090
6000
5770
2500
2000
mADC
Line regulation
Note 3
VRLINE
18 VDC < VIN < 50VDC, 0 < IOUT < IMAX
-1.0
+1.0
%
Load regulation
Note 4
VRLOAD
18 VDC < VIN < 50VDC, 0 < IOUT < IMAX
-2.0
+2.0
%
Total regulation
VR
All conditions of Line, Load, Temperature,
Radiation and End of Life
-4.0
+4.0
%
No-load input current
IIN
IOUT = 0 (Pin 3 open)
inhibited (Pin 3 shorted to pin 2)
100
8.0
mA
Output ripple and noise voltage
Note 5
ARH2802R5S
ARH2803R3S
ARH2805S
ARH2805R2S
ARH2812S
ARH2815S
VRIP
18 VDC < VIN < 50VDC, IOUT = IMAX
30
30
40
40
50
50
mVp.p
Unit
Input ripple current
Note 5
IRP
18 VDC < VIN < 50VDC, IOUT = IMAX
100
mApp
Switching frequency
FS
Synchronization input open. (pin 6)
225
275
kHz


Similar Part No. - ARH2805R2S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH2805R2SCK IRF-ARH2805R2SCK Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
ARH2805R2SEM IRF-ARH2805R2SEM Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
More results

Similar Description - ARH2805R2S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXD IRF-AMR28XXD Datasheet
128Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com