Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71319DRCRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS71319DRCRG4
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71319DRCRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS71319DRCRG4 Datasheet HTML 1Page - Texas Instruments TPS71319DRCRG4 Datasheet HTML 2Page - Texas Instruments TPS71319DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS71319DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS71319DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS71319DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS71319DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS71319DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS71319DRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
IN (V)
+25
_C
+125
_C
−40_C
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
50
100
150
200
250
I
OUT (mA)
+25
_C
−40_C
+125
_C
1.0
0.5
0
−0.5
−1.0
−1.5
Junction Temperature (
_C)
−40 −25 −10 5
20
35
50
65
80
95
110 125
I
OUT = 10 mA
I
OUT = 250 mA
I
OUT = 125 mA
200
180
160
140
120
100
80
60
40
20
0
2.7
3.1
3.3
3.5
3.9
4.1
4.3
4.5 4.7
4.9
V
IN (V)
T
J = −40_ C
T
J = +25_ C
T
J = +125_ C
3.7
2.9
200
150
100
50
0
0
50
100
150
200
250
I
OUT (mA)
T
J = +25_ C
T
J = −40_ C
T
J = +125_ C
Adjustable Set to 2.8 V
250
200
150
100
50
0
−40 −25 −10 5
20
35
50
65
80
95
110 125
Junction Temperature (mA)
I
OUT = 250 mA
Adjustable Set to 2.8 V
TPS71319
TPS71334
SBVS055A – DECEMBER 2004 – REVISED JANUARY 2005
For all voltage versions at T
J = 25°C, VIN = VOUT(nom) + 1 V, IOUT = 1 mA,VEN = 1.2 V, COUT = 2.2 µF, and CNR = 0.01 µF,
unless otherwise noted.
OUTPUT VOLTAGE vs INPUT VOLTAGE
OUTPUT VOLTAGE vs OUTPUT CURRENT
Figure 1.
Figure 2.
DROPOUT VOLTAGE vs INPUT VOLTAGE
OUTPUT VOLTAGE vs TEMPERATURE
(ADJUSTABLE OUTPUTS)
Figure 3.
Figure 4.
DROPOUT VOLTAGE vs OUTPUT CURRENT
DROPOUT VOLTAGE vs JUNCTION TEMPERATURE
Figure 5.
Figure 6.
5


Similar Part No. - TPS71319DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71319DRCRG4 TI-TPS71319DRCRG4 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319DRCRG4 TI-TPS71319DRCRG4 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
More results

Similar Description - TPS71319DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com