Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A22362 Datasheet(PDF) 9 Page - Texas Instruments

Part # TS5A22362
Description  0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22362 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS5A22362_17 Datasheet HTML 5Page - Texas Instruments TS5A22362_17 Datasheet HTML 6Page - Texas Instruments TS5A22362_17 Datasheet HTML 7Page - Texas Instruments TS5A22362_17 Datasheet HTML 8Page - Texas Instruments TS5A22362_17 Datasheet HTML 9Page - Texas Instruments TS5A22362_17 Datasheet HTML 10Page - Texas Instruments TS5A22362_17 Datasheet HTML 11Page - Texas Instruments TS5A22362_17 Datasheet HTML 12Page - Texas Instruments TS5A22362_17 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
1
1000
Frequency (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
1000
1
-1
0.00
COM (V)
TA = 85°C
TA = 25°C
TA = -40°C
0
1
2
3
4
5
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
V
-3
VCOM (V)
TA = 85 qC
TA = 25 qC
TA = -40 qC
-2
-1
0
1
2
3
4
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VCOM (V)
VCC = 2.3 V
VCC = 3.0 V
VCC = 4.5 V
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-4.0
-2.0
2.0
0.0
4.0
6.0
VCOM (V)
±3
0.0
TA = 25°C
TA =-40°C
TA = 85°C
±2
±1
0
1
2
3
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
TS5A22362
www.ti.com
SCDS364B – JUNE 2015 – REVISED SEPTEMBER 2015
6.8 Typical Characteristics
Figure 1. Ron vs VCOM
Figure 2. Ron vs VCOM (VCC = 2.7 V)
Figure 3. Ron vs VCOM (VCC = 3.3 V)
Figure 4. Ron vs VCOM (VCC = 5 V)
Figure 6. Off Isolation vs Frequency
Figure 5. Insertion Loss
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TS5A22362


Similar Part No. - TS5A22362_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
More results

Similar Description - TS5A22362_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com