Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A22362DRCT-NM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A22362DRCT-NM
Description  0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22362DRCT-NM Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS5A22362DRCT-NM Datasheet HTML 3Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 4Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 5Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 6Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 7Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 8Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 9Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 10Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TS5A22362
www.ti.com
SCDS364B – JUNE 2015 – REVISED SEPTEMBER 2015
Electrical Characteristics for 3.3-V Supply (continued)
VCC = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
25°C
3.3 V
19
70
VCOM = VCC,
CL = 35 pF,
tOFF
Turnoff time
ns
3 V to
RL = 300 Ω
see Figure 17
Full
70
3.6 V
Break-before-make
tBBM
See Figure 18
25°C
3.3 V
1
7
ns
time
VGEN = 0,
CL = 1 nF,
QC
Charge injection
25°C
3.3 V
150
pC
RGEN = 0
see Figure 22
CNC(OFF),
NC, NO
VNC or VNO = VCC or
See Figure 16
25°C
3.3 V
70
pF
CNO(OFF)
OFF capacitance
VCC – 5.5 V
NC, NO, COM
VCOM = VCC or GND,
CCOM(ON)
See Figure 16
25°C
3.3 V
370
pF
ON capacitance
f = 10 MHz
Digital input
CI
VI = VCC or GND
See Figure 16
25°C
3.3 V
2.6
pF
capacitance
Switch ON,
BW
Bandwidth
RL = 50 Ω, –3 dB
25°C
3.3 V
17.5
MHz
see Figure 18
f = 100 kHz,
OISO
OFF isolation
RL = 50 Ω
25°C
3.3 V
–68
dB
see Figure 20
f = 100 kHz,
XTALK
Crosstalk
RL = 50 Ω
25°C
3.3 V
–76
dB
see Figure 21
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
3.3 V
0.008%
distortion
CL = 35 pF
see Figure 23
SUPPLY
25°C
0.1
1.2
VCOM and VIN = VCC or GND,
3.6 V
μA
VNC and VNO = Floating
Full
1.3
Positive
ICC
VCOM = VCC – 5.5 V,
supply current
VIN = VCC or GND,
Full
3.6 V
3.4
μA
VNC and VNO = Floating
6.7 Electrical Characteristics for 5-V Supply
VCC = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VCOM,
Analog signal
VCC – 5.5
VCC
V
VNO, VNC
range
VNC or VNO = VCC, 1.6 V,
25°C
0.52
0.74
ON-state
COM to NO or NC,
Ron
VCC = –5.5 V,
4.5 V
resistance
see Figure 13
Full
0.83
ICOM = –100 mA
ON-state
25°C
0.04
0.23
VNC or VNO = 1.6 V,
COM to NO or NC,
ΔRon
resistance match
4.5 V
ICOM = –100 mA
see Figure 13
Full
0.30
between channels
ON-state
VNC or VNO = VCC, 1.6 V,
25°C
0.076
0.46
COM to NO or NC,
Ron(flat)
resistance
VCC = –5.5 V,
4.5 V
see Figure 13
Full
0.5
flatness
ICOM = –100 mA
VNC = 4.5 V, VCC – 5.5 V,
25°C
–50
50
VCOM = VCC – 5.5 V, 4.5 V,
VNO = Open,
NC, NO
COM to NO
INC(OFF),
OFF leakage
or
See Figure 14
5.5 V
nA
INO(OFF)
Full
–375
375
current
VNO = 4.5 V, VCC – 5.5 V,
VCOM = VCC – 5.5 V, 4.5 V,
VNC = Open,
COM to NC
COM
25°C
–50
50
VNC and VNO = Floating,
ICOM(ON)
ON leakage
See Figure 15
5.5 V
nA
VCOM = VCC, VCC – 5.5 V
Full
–375
375
current
DIGITAL CONTROL INPUTS (IN) (2)
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, SCBA004.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TS5A22362


Similar Part No. - TS5A22362DRCT-NM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362DRCT-NM TI1-TS5A22362DRCT-NM Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362DRCT-NM TI1-TS5A22362DRCT-NM Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362DRCT-NM TI1-TS5A22362DRCT-NM Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
More results

Similar Description - TS5A22362DRCT-NM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com