Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2580-4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2580-4
Description  Single Ended Active Clamp/Reset PWM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2580-4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC2580-4 Datasheet HTML 1Page - Texas Instruments UCC2580-4 Datasheet HTML 2Page - Texas Instruments UCC2580-4 Datasheet HTML 3Page - Texas Instruments UCC2580-4 Datasheet HTML 4Page - Texas Instruments UCC2580-4 Datasheet HTML 5Page - Texas Instruments UCC2580-4 Datasheet HTML 6Page - Texas Instruments UCC2580-4 Datasheet HTML 7Page - Texas Instruments UCC2580-4 Datasheet HTML 8Page - Texas Instruments UCC2580-4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
UCC1580-1,-2,-3,-4
UCC2580-1,-2,-3,-4
UCC3580-1,-2,-3,-4
ELECTRICAL CHARACTERISTICSUnless otherwise stated, all specifications are over the full temperature range, VDD =
12V, R1 = 18.2 k
W , R2 = 4.41 kW ,CT = 130 pF, R3 = 100 kW ,COUT1 =0F,COUT2 =0F.TA = 0°C to 70°C for the UCC3580,
-40°C to 85°C for the UCC2580, -55°C to 125°C for the UCC1580, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Section
Frequency
370
400
430
kHz
CLK Pulse Width
650
750
850
ns
CLK VOH
ICLK = 3 mA
4.3
4.7
V
CLK VOL
ICLK = 3 mA
0.3
0.5
V
Ramp Generator Section
Ramp VOL
IRAMP = 100
mA
50
100
mV
Flux Comparator Vth
3.16
3.33
3.50
V
Pulse Width Modulator Section
Minimum Duty Cycle
OUT1, EAOUT = VOL
0
%
Maximum Duty Cycle
OUT1, EAIN = 2.6 V
63
66
69
%
PWM Comparator Offset
0.1
0.4
0.9
V
Error Amplifier Section
EAIN
EAOUT = EAIN
2.44
2.5
2.56
V
IEAIN
EAOUT = EAIN
150
400
nA
EAOUT, VOL
EAIN = 2.6 V, IEAOUT = 100
mA
0.3
0.5
V
EAOUT, VOH
EAIN = 2.4 V, IEAOUT = 100
mA
4
5
5.5
V
AVOL
70
80
dB
Gain Bandwidth Product
f = 100 kHz (Note 1)
2
6
MHz
Softstart/Shutdown Section
Start Duty Cycle
EAIN = 2.4 V
0
%
SS VOL
ISS = 100
mA
100
350
mV
SS Restart Threshold
400
550
mV
ISS
–20
–35
mA
SHTDWN VTH
0.4
0.5
0.6
V
ISHTDWN
50
150
nA
Undervoltage Lockout Section
VDD On
UCC3580-2,-4
14
15
16
V
UCC3580-1,-3
8
9
10
V
VDD Off
7.5
8.5
9.5
V
LINE On
4.7
5
5.3
V
LINE Off
4.2
4.5
4.8
V
ILINE
LINE=6V
50
150
nA
Supply Section
VDD Clamp
IVDD =10mA
14
15
16
V
IVDD Start
VDD < VDD On
160
250
A
IVDD Operating
No Load
2.5
3.5
mA
Output Drivers Section
OUT1 VSAT High
IOUT1 = 50 mA
0.4
1.0
V
OUT1 VSAT Low
IOUT1 =100 mA
0.4
1.0
V
OUT2 VSAT High
IOUT2 = 30 mA
0.4
1.0
V
OUT2 VSAT Low
IOUT2 = 30 mA
0.4
1.0
V
OUT1 Fall Time
COUT1 = 1nF, RS =3 W
20
50
ns
OUT1 Rise Time
COUT1 = 1nF, RS =3 W
40
80
ns
OUT2 Fall Time
COUT2 = 300pF, RS =10 W
20
50
ns
OUT2 Rise Time
COUT2 = 300pF, RS =10 W
20
40
ns


Similar Part No. - UCC2580-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2580-4 TI-UCC2580-4 Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC2580-4 TI1-UCC2580-4 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
More results

Similar Description - UCC2580-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
310Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1562A ONSEMI-NCP1562A Datasheet
483Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1282 ONSEMI-NCP1282 Datasheet
281Kb / 23P
   High Performance Active Clamp/Reset PWM Controller Featuring 500 V Startup
December, 2006 ??Rev. 0
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
   Active Clamp Forward PWM Controller
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
logo
International Rectifier
IRF6216TRPBF IRF-IRF6216TRPBF Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6218STRLPBF IRF-IRF6218STRLPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com