Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7100PWP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWP
Description  Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7100PWP Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD7100PWP Datasheet HTML 3Page - Texas Instruments UCD7100PWP Datasheet HTML 4Page - Texas Instruments UCD7100PWP Datasheet HTML 5Page - Texas Instruments UCD7100PWP Datasheet HTML 6Page - Texas Instruments UCD7100PWP Datasheet HTML 7Page - Texas Instruments UCD7100PWP Datasheet HTML 8Page - Texas Instruments UCD7100PWP Datasheet HTML 9Page - Texas Instruments UCD7100PWP Datasheet HTML 10Page - Texas Instruments UCD7100PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
−50
50
125
−25
0
25
75
100
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
TJ − Temperature − °C
tR = Rise Time
tF = Fall Time
5
15
25
35
45
55
65
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
−50
50
125
−25
0
25
75
100
0.0
0.5
1.0
1.5
2.0
2.5
TJ − Temperature − °C
Input Rising
Input Falling
−50
50
125
−25
0
25
75
100
20.0
20.5
21.0
21.5
22.0
22.5
23.0
t − Temperature −
°C
VDD = 4.75 V
VDD = 12 V
−50
50
5.0
4.5
2.5
2.0
1.5
0.5
0.0
−25
0
25
75
100
4.0
1.0
3.5
3.0
UVLO on
UVLO on
UVLO on
t − Temperature −
°C
125
−50
50
125
−25
0
25
75
100
3.24
3.26
3.28
3.30
3.32
3.34
3.36
t − Temperature −
°C
UCD7100
www.ti.com
SLUS651D – MARCH 2005 – REVISED OCTOBER 2014
7.6 Typical Characteristics
Figure 3. 3V3 Reference Voltage vs Temperature
Figure 2. UVLO Thresholds vs Temperature
Figure 4. 3V3 Short Circuit Current vs Temperature
Figure 5. Input Thresholds vs Temperature
Figure 7. Rise Time vs Supply Voltage
Figure 6. Output Rise Time and Fall Time vs Temperature
(VDD = 12 V
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCD7100


Similar Part No. - UCD7100PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7100PWP TI-UCD7100PWP Datasheet
408Kb / 22P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
UCD7100PWP TI1-UCD7100PWP Datasheet
813Kb / 26P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100PWP TI-UCD7100PWP Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
UCD7100PWPG4 TI1-UCD7100PWPG4 Datasheet
813Kb / 26P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100PWPR TI-UCD7100PWPR Datasheet
408Kb / 22P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
More results

Similar Description - UCD7100PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7100 TI-UCD7100 Datasheet
408Kb / 22P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
UCD7100 TI1-UCD7100_12 Datasheet
813Kb / 26P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100 TI-UCD7100_V01 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
UCD7100 TI1-UCD7100_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7201 TI-UCD7201 Datasheet
405Kb / 20P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7201 TI1-UCD7201_13 Datasheet
938Kb / 25P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7201 TI1-UCD7201_15 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7230A TI1-UCD7230A Datasheet
787Kb / 25P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
UCD7231 TI1-UCD7231 Datasheet
792Kb / 31P
[Old version datasheet]   Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
[Old version datasheet]   Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com