Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-ALM-12X24 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # DEMO-ALM-12X24
Description  50 Watt High Power SPDT Switch with LNA Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-ALM-12X24 Datasheet(HTML) 5 Page - Broadcom Corporation.

  DEMO-ALM-12X24 Datasheet HTML 1Page - Broadcom Corporation. DEMO-ALM-12X24 Datasheet HTML 2Page - Broadcom Corporation. DEMO-ALM-12X24 Datasheet HTML 3Page - Broadcom Corporation. DEMO-ALM-12X24 Datasheet HTML 4Page - Broadcom Corporation. DEMO-ALM-12X24 Datasheet HTML 5Page - Broadcom Corporation. DEMO-ALM-12X24 Datasheet HTML 6Page - Broadcom Corporation. DEMO-ALM-12X24 Datasheet HTML 7Page - Broadcom Corporation. DEMO-ALM-12X24 Datasheet HTML 8Page - Broadcom Corporation. DEMO-ALM-12X24 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
ALM-12124 Rx mode Typical Over-Temperature Performance
Figure 1. Ant Input Return Loss vs Frequency vs Temperature
Figure 2. LNA2 Output Return Loss vs Frequency vs Temperature
Figure 3. NF vs Frequency vs Temperature
Figure 4. Gain vs Frequency vs Temperature
Figure 5. Output IP3 vs Frequency vs Temperature
-26
-22
-18
-14
-10
1.8
1.9
2
2.1
2.2
Frequency (GHz)
25° C
85° C
-40° C
-30
-26
-22
-18
-14
-10
1.8
1.9
2
2.1
2.2
Frequency (GHz)
0.40
0.80
1.20
1.60
1.8
1.9
2
2.1
2.2
Frequency (GHz)
36
37
38
39
40
41
1.8
1.9
2
2.1
2.2
Frequency (GHz)
32
34
36
38
40
42
1.8
1.9
2
2.1
2.2
Frequency (GHz)
25° C
85° C
-40° C
25° C
85° C
-40° C
25° C
85° C
-40° C
25° C
85° C
-40° C


Similar Part No. - DEMO-ALM-12X24

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-ALM-11X36 BOARDCOM-DEMO-ALM-11X36 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
More results

Similar Description - DEMO-ALM-12X24

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-12124 AVAGO-ALM-12124_15 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
ALM-12224 AVAGO-ALM-12224 Datasheet
297Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
ALM-12124 AVAGO-ALM-12124 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
logo
Broadcom Corporation.
ALM-12224 BOARDCOM-ALM-12224 Datasheet
297Kb / 12P
   2.30 GHz ??2.40 GHz 50 Watt High Power SPDT Switch with LNA Module
ALM-12124 BOARDCOM-ALM-12124 Datasheet
299Kb / 12P
   1.88 GHz ??2.025 GHz 50 Watt High Power SPDT Switch with LNA Module
logo
TriQuint Semiconductor
QPB9324 TRIQUINT-QPB9324 Datasheet
608Kb / 8P
   High Power Switch LNA Module
logo
M/A-COM Technology Solu...
MAIA-011002 MA-COM-MAIA-011002 Datasheet
1Mb / 14P
   High Power Switch - LNA Module
logo
Qorvo, Inc
QPC9314 QORVO-QPC9314 Datasheet
1Mb / 11P
   High Power Switch LNA Module
QPB9325 QORVO-QPB9325 Datasheet
2Mb / 16P
   High Power Switch LNA Module
QPB9324 QORVO-QPB9324 Datasheet
1Mb / 12P
   High Power Switch LNA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com