Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3H2812D Datasheet(PDF) 4 Page - International Rectifier

Part # M3H2812D
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3H2812D Datasheet(HTML) 4 Page - International Rectifier

  M3H2812D Datasheet HTML 1Page - International Rectifier M3H2812D Datasheet HTML 2Page - International Rectifier M3H2812D Datasheet HTML 3Page - International Rectifier M3H2812D Datasheet HTML 4Page - International Rectifier M3H2812D Datasheet HTML 5Page - International Rectifier M3H2812D Datasheet HTML 6Page - International Rectifier M3H2812D Datasheet HTML 7Page - International Rectifier M3H2812D Datasheet HTML 8Page - International Rectifier M3H2812D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M3H-SERIES
(+28V Input, Single/Dual Output)
4
2016-05-19
For Notes to Electrical Performance Characteristics, refer to page 5
Electrical Performance Characteristics (continued)
Parameter
Group A
Subgroup
Conditions
-55°C
TC  +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Limits
Unit
Min
Nom
Max
Cross regulation (VRCROSS)
M3H2805D
M3H2812D
M3H2815D
1,2,3
Duals only, Note 5
VIN = 18, 28, 40 Volts
-5.0
-3.0
-3.0
5.0
3.0
3.0
%
Output Ripple (VRIP)
M3H2803R3S
M3H2805S
M3H2805R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
1,2,3
VIN = 18, 28, 40 Volts
IOUT = 100% rated load
Notes 4, 6
35
50
50
70
80
80
80
80
mVp-p
Input current, no load (IIN)
M3H2803R3S
M3H2805S
M3H2805R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
1,2,3
IOUT = 0, Pin 4 open
60
70
70
70
70
70
100
100
mA
Input current inhibited
1,2,3
Pin 4 shorted to pin 2
8.0
mA
Switching frequency (FS)
1,2,3
450
500
550
kHz
Efficiency (EFF)
M3H2803R3S
M3H2805S
M3H2805R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
1,2,3
IOUT = 100% rated load
Note 4
68
76
77
78
78
77
78
78
73
80
80
81
82
80
81
82
%
Enable Input (Inhibit Function)
open circuit voltage
drive current (sink)
voltage range
1,2,3
Note 1
9.5
-0.5
11.5
500
50
V
A
V
Current Limit Point
Expressed as a percentage
of full rated load current
1,2,3
VOUT = 90% of Nominal, Note 4
105
130
%
Power dissipation, load fault (PD)
M3H2815D
All others
1,2,3
Short Circuit, Overload, Note 8
22
18
W
Output response to
step load changes (VTLD)
4,5,6
Half Load to/from Full Load,
Notes 4, 9
-300
300
mVpk


Similar Part No. - M3H2812D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3H2812D IRF-M3H2812D Datasheet
157Kb / 11P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results

Similar Description - M3H2812D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com