Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3H2815D Datasheet(PDF) 7 Page - International Rectifier

Part # M3H2815D
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3H2815D Datasheet(HTML) 7 Page - International Rectifier

Back Button M3H2815D Datasheet HTML 3Page - International Rectifier M3H2815D Datasheet HTML 4Page - International Rectifier M3H2815D Datasheet HTML 5Page - International Rectifier M3H2815D Datasheet HTML 6Page - International Rectifier M3H2815D Datasheet HTML 7Page - International Rectifier M3H2815D Datasheet HTML 8Page - International Rectifier M3H2815D Datasheet HTML 9Page - International Rectifier M3H2815D Datasheet HTML 10Page - International Rectifier M3H2815D Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
M3H-SERIES
(+28V Input, Single/Dual Output)
7
2016-05-19
Figure 1. Block Diagram - Single Output
RS
EA
+
-
+
-
-SENSE
9
+SENSE
10
RETURN
+OUTPUT
12
13
1
2
Vin
RETURN
BIAS
SUPPLY
EMI
FILTER
+10.5V
PWM
CONTROLLER
SAMPLE
& HOLD
FEEDBACK
TRIGGER
RAMP
GEN
3
INHIBIT
UVLO &
INHIBIT
6
CASE
GROUND
5
Sync. Output
( for Test use only )
Figure 2. Block Diagram - Dual Output
ADJUST
8
1
2
Vin
RETURN
BIAS
SUPPLY
EMI
FILTER
+10.5V
SAMPLE
& HOLD
FEEDBACK
TRIGGER
RAMP
GEN
3
INHIBIT
UVLO
& INHIBIT
6
CASE
GROUND
5
Sync. Output
( for Test use only )
13
12
+OUTPUT
RETURN
11 -OUTPUT
EA
PWM
CONTROLLER


Similar Part No. - M3H2815D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3H2815D IRF-M3H2815D Datasheet
157Kb / 11P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results

Similar Description - M3H2815D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com