Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-AT32063 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # DEMO-AT32063
Description  Low Current, High Performance NPN Silicon Bipolar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-AT32063 Datasheet(HTML) 3 Page - Broadcom Corporation.

  DEMO-AT32063 Datasheet HTML 1Page - Broadcom Corporation. DEMO-AT32063 Datasheet HTML 2Page - Broadcom Corporation. DEMO-AT32063 Datasheet HTML 3Page - Broadcom Corporation. DEMO-AT32063 Datasheet HTML 4Page - Broadcom Corporation. DEMO-AT32063 Datasheet HTML 5Page - Broadcom Corporation. DEMO-AT32063 Datasheet HTML 6Page - Broadcom Corporation. DEMO-AT32063 Datasheet HTML 7Page - Broadcom Corporation. DEMO-AT32063 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
AT-32063 Characterization Information, T
A = 25°C
Symbol
Parameters and Test Conditions
Units
Typ.
P
1dB
Powerat1dBGainCompression(opttuning);V
CE=2.7V,IC=20mA
f=0.9GHz
dBm
12
G
1dB
Gainat1dBGainCompression(opttuning);V
CE=2.7V,IC=20mA
f=0.9GHz
dB
16
IP
3
OutputThirdOrderInterceptPoint(opttuning);V
CE=2.7V,IC=20mA
f=0.9GHz
dBm
24
Typical Performance, T
A = 25°C
0
0.50
1.00
2.00
1.50
0.9
1.8
2.4
FREQUENCY (GHz)
Figure 2. Minimum Noise Figure vs. Frequency and
Current at VCE = 2.7 V.
2.7V/2 mA
2.7V/5 mA
2.7V/20 mA
0
5.0
10.0
20.0
15.0
0.9
1.8
2.4
FREQUENCY (GHz)
Figure 3. Associated Gain at Optimum Noise Match
vs. Frequency and Current at VCE = 2.7 V.
2.7V/2 mA
2.7V/5 mA
2.7V/20 mA
10
11
12
15
13
14
0.9
1.8
2.4
FREQUENCY (GHz)
Figure 4. Power at 1 dB Gain Compression vs. Frequency
at VCE= 2.7 V and IC = 20 mA.
0
5
10
15
25
20
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (GHz)
Figure 6. Third Order Intercept vs. Frequency and Bias at
VCE = 2.7 V, with Optimal Tuning.
2 mA
5 mA
10 mA
20 mA
0
3
6
18
15
9
12
0.9
1.8
2.4
FREQUENCY (GHz)
Figure 5. 1 dB Compressed Gain vs. Frequency at VCE =
2.7 V and IC= 20 mA.


Similar Part No. - DEMO-AT32063

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-ATF-5X143 BOARDCOM-DEMO-ATF-5X143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
DEMO-ATF-5X189 BOARDCOM-DEMO-ATF-5X189 Datasheet
430Kb / 22P
   Enhancement Mode[1] Pseudomorphic HEMT in SOT 89 Package
DEMO-ATF-5X1M4E BOARDCOM-DEMO-ATF-5X1M4E Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
DEMO-ATF3616-3 BOARDCOM-DEMO-ATF3616-3 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
More results

Similar Description - DEMO-AT32063

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-32011 AVAGO-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 AVAGO-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-32063 BOARDCOM-AT-32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com