Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-ATF3616-3 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # DEMO-ATF3616-3
Description  1.5??8 GHz Surface Mount Pseudomorphic HEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-ATF3616-3 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button DEMO-ATF3616-3 Datasheet HTML 2Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 3Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 4Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 5Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 6Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 7Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 8Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 9Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 10Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
ATF-36163 Typical Scattering Parameters, Common Source, ZO = 50 Ω, VDS = 2 V, ID = 15 mA
Freq.
S11
S21
S12
S22
K
Gmax[1]
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
0.5
0.99
-12
13.85
4.93
168
-38.42
0.01
79
0.51
-9
0.12
26.10
1
0.98
-22
13.70
4.84
157
-32.40
0.02
71
0.50
-18
0.17
23.11
2
0.96
-43
13.45
4.70
137
-26.74
0.05
56
0.48
-35
0.26
20.13
3
0.92
-63
13.29
4.62
117
-23.48
0.07
40
0.45
-52
0.35
18.40
4
0.86
-85
13.16
4.55
96
-21.31
0.09
24
0.40
-69
0.46
17.22
5
0.79
-108
12.96
4.45
75
-19.58
0.11
7
0.33
-90
0.55
16.26
6
0.73
-133
12.67
4.30
53
-18.42
0.12
-10
0.26
-112
0.62
15.54
7
0.65
-160
12.13
4.04
32
-17.72
0.13
-28
0.17
-136
0.75
14.93
8
0.59
173
11.63
3.81
11
-17.27
0.14
-42
0.09
-171
0.84
14.46
9
0.55
141
11.06
3.57
-11
-16.83
0.14
-57
0.09
93
0.90
13.95
10
0.56
107
10.23
3.25
-32
-16.77
0.15
-72
0.19
51
0.96
13.50
11
0.58
75
9.11
2.86
-53
-17.14
0.14
-87
0.30
27
1.04
11.93
12
0.63
49
8.00
2.51
-73
-17.72
0.13
-99
0.38
9
1.11
10.85
13
0.68
26
6.75
2.17
-92
-18.71
0.12
-112
0.47
-7
1.20
10.00
14
0.73
6
5.49
1.88
-110
-20.00
0.10
-121
0.54
-20
1.30
9.45
15
0.78
-11
4.22
1.63
-127
-21.41
0.09
-129
0.61
-31
1.35
9.30
16
0.83
-24
2.99
1.41
-145
-22.73
0.07
-135
0.66
-41
1.36
9.31
17
0.88
-38
1.42
1.18
-164
-24.44
0.06
-143
0.72
-51
1.31
9.56
18
0.91
-52
-0.79
0.91
178
-27.96
0.04
-149
0.78
-63
1.50
9.44
Note:
1. Gmax = MAG for K > 1 and Gmax = MSG for K ≤ 1.
Figure 7. ATF-36163 Minimum Noise Figure and Associated
Gain vs. Frequency for VDS = 2 V, ID = 15 mA.
Figure 8. Maximum Available Gain, Maximum Stable Gain
& Insertion Power Gain vs. Frequency for VDS = 2 V, ID = 15 mA.
ATF-36163 Typical Noise Parameters
Common Source, ZO = 50 Ω, VDS = 2.0 V, ID = 15 mA
Freq.
Fmin
Ga
Γopt
Rn/ZO
GHz
dB
dB
Mag.
Ang.
-
2
0.48
18.97
0.83
28
0.37
3
0.52
17.27
0.74
41
0.31
4
0.56
15.75
0.67
56
0.25
5
0.61
14.54
0.60
71
0.19
6
0.65
13.68
0.55
89
0.15
7
0.70
12.47
0.46
104
0.11
8
0.76
11.66
0.37
118
0.09
9
0.82
10.94
0.31
136
0.08
10
0.88
10.44
0.21
168
0.07
11
0.95
9.88
0.15
-137
0.09
12
1.03
9.38
0.18
-85
0.13
13
1.12
8.90
0.25
-41
0.21
14
1.23
8.63
0.36
-13
0.32
15
1.35
8.59
0.48
7
0.44
16
1.49
8.63
0.58
20
0.60
17
1.65
8.68
0.65
34
0.79
18
1.86
8.32
0.70
51
1.10
0
18
2.4
0
2
6
10 12
2.0
1.2
0.4
14
FREQUENCY (GHz)
ATF-36163 fig 7
0.8
1.6
4
8
16
24
0
20
12
4
8
16
0
18
24
0
2
6
10 12
20
12
4
14
FREQUENCY (GHz)
ATF-36163 fig 8
8
16
4
8
16
MAG
MSG
|
S21|2


Similar Part No. - DEMO-ATF3616-3

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-ATF-5X143 BOARDCOM-DEMO-ATF-5X143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
DEMO-ATF-5X189 BOARDCOM-DEMO-ATF-5X189 Datasheet
430Kb / 22P
   Enhancement Mode[1] Pseudomorphic HEMT in SOT 89 Package
DEMO-ATF-5X1M4E BOARDCOM-DEMO-ATF-5X1M4E Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
More results

Similar Description - DEMO-ATF3616-3

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-36163 BOARDCOM-ATF-36163 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-36163 AVAGO-ATF-36163_15 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF-36163 HP-ATF-36163 Datasheet
96Kb / 10P
   1.5-18 GHz Surface Mount Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-36163 AVAGO-ATF-36163 Datasheet
177Kb / 10P
   1.5-18 GHz Surface Mount Pseudomorphic HEMT
ATF-36077 AVAGO-ATF-36077 Datasheet
125Kb / 4P
   2??8 GHz Ultra Low Noise Pseudomorphic HEMT
ATF-36077-TR1 AVAGO-ATF-36077-TR1 Datasheet
125Kb / 4P
   2??8 GHz Ultra Low Noise Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF35076 HP-ATF35076 Datasheet
1Mb / 3P
   2-18 GHz Low Noise Pseudomorphic HEMT
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com