Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-HMPP-38X0 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # DEMO-HMPP-38X0
Description  MiniPak Surface Mount RF PIN Switch Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-HMPP-38X0 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button DEMO-HMPP-38X0 Datasheet HTML 4Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 5Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 6Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 7Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 8Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 9Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 10Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 11Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 12Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
To evaluate the HMPP-389T as shunt switch, it was
mounted on the test line and then the appropriate bias-
ing voltage was applied. In our prototype, the worst case
return loss was 10 dB at 5 GHz (Figure 22). The return loss
varied very little when the bias was changed from zero
to -20V.
Figure 19. Insertion loss of HMPP-389T at -20V.
The PIN diode’s resistance is a function of the bias current.
So, at higher forward current, the isolation improved.
The combination of the HMPP-389T and the SK063A
demoboard exhibited more than 17 dB of isolation from
1 to 6 GHz at If ≥ 1mA (Figure 25).
Figure 17. Return Loss of HMPP-389T
Mounted on Test Line at 0V and -20V Bias.
FREQUENCY (GHz)
-5
-15
-25
-35
-45
-55
1
6
2
4
5
3
Figure 18. Insertion Loss of HMPP-389T at
0V.
FREQUENCY (GHz)
0
-0.2
-0.4
-0.6
-0.8
-1.0
1
6
2
4
5
3
Figure 19. Insertion Loss of HMPP-389T at
-20V.
FREQUENCY (GHz)
1
6
2
4
5
3
0
-0.2
-0.4
-0.6
-0.8
-1.0
Figure 20. Isolation at Different Frequencies
with Forward Current as a Parameter.
FREQUENCY (GHz)
-10
-14
-18
-22
-26
-30
1
6
2
0.15 mA
0.25 mA
0.5 mA
1 mA
1.5 mA
20 mA
4
5
3
Figure 18. Return loss of HMPP-389T mounted on test line at 0V and -20V
bias.
Normalization was used to remove the pcb’s and connec-
tors’ losses from the measurement of the shunt switch’s
loss. The active trace was divided by the memorized
trace (Data/Memory) to produce the normalized data.
At zero bias, the insertion loss was under 0.6 dB up to 6
GHz (Figure 23). Applying a reverse bias to the PIN diode
has the effect of reducing its parasitic capacitance. With a
reverse bias of -20V, the insertion loss improved to better
than 0.5 dB (Figure 24).
Figure 18. Insertion loss of HMPP-389T at 0V.
Figure 20. Isolation at different frequencies with forward current as a
parameter.
The combination of the HMPP-389T and the demo-board
allows a high performance shunt switch to be constructed
swiftly and economically. The extremely low parasitic
inductance of the package allows the switch to operate
over a very wide frequency range.
Figure 16. Insertion Loss of Reference
Line.
FREQUENCY (GHz)
0
-0.2
-0.4
-0.6
-0.8
-1.0
1
6
2
4
5
3
Figure 16. Insertion loss of reference line.
Insertion loss of the reference was very low and generally,
increased with frequency (Figure 21). If the demo-board
has been constructed carefully, there should not be any
evidence of resonance. The reference line’s insertion loss
trace can be stored in the VNA’s display memory and
used to correct for the insertion loss of the test line in the
subsequent measurements.


Similar Part No. - DEMO-HMPP-38X0

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-HMPP-389T BOARDCOM-DEMO-HMPP-389T Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
More results

Similar Description - DEMO-HMPP-38X0

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMPP-389X HP-HMPP-389X Datasheet
159Kb / 11P
   MiniPak Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HMPP-3890 BOARDCOM-HMPP-3890 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3892 BOARDCOM-HMPP-3892 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3895 BOARDCOM-HMPP-3895 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-389X BOARDCOM-HMPP-389X Datasheet
1Mb / 14P
   MiniPak Surface Mount RF PIN Switch Diodes
DEMO-HMPP-389T BOARDCOM-DEMO-HMPP-389T Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-389T BOARDCOM-HMPP-389T Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3860 BOARDCOM-HMPP-3860 Datasheet
230Kb / 10P
   MiniPak Surface Mount RF PIN Diodes
HMPP-3862 BOARDCOM-HMPP-3862 Datasheet
230Kb / 10P
   MiniPak Surface Mount RF PIN Diodes
HMPP-386X BOARDCOM-HMPP-386X Datasheet
5Mb / 11P
   MiniPak Surface Mount RF PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com