Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5745073-2 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 5745073-2
Description  AMPLIMITE Subminiature D Connectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5745073-2 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  5745073-2 Datasheet HTML 1Page - TE Connectivity Ltd 5745073-2 Datasheet HTML 2Page - TE Connectivity Ltd 5745073-2 Datasheet HTML 3Page - TE Connectivity Ltd 5745073-2 Datasheet HTML 4Page - TE Connectivity Ltd 5745073-2 Datasheet HTML 5Page - TE Connectivity Ltd 5745073-2 Datasheet HTML 6Page - TE Connectivity Ltd 5745073-2 Datasheet HTML 7Page - TE Connectivity Ltd 5745073-2 Datasheet HTML 8Page - TE Connectivity Ltd 5745073-2 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
78
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HD-20 Full Metal-Shell Straight Posted Connectors
Plug
Material and Finish:
Shell—Steel, tin plated
Insert—94V-0 rated thermoplastic,
black
Pin Contacts (Posted)—Brass,
plated as follows:
A—.000030 [0.00076] gold on mating
end, tin on termination end, with entire
contact .000050 [0.00127] (min.) nickel
underplated
B—Gold flash on mating end, tin on
termination end, with entire contact
.000050 [0.00127] (min.) nickel
underplated
Technical Documents:
Product Specification—108-40025
Without Grounding Indents
Contact
Plug Part Numbers
Shell
No. of
Dimensions
Finish
Without
With
With
Size
Contact
AB
C
*D*
(Plating
Grounding
Grounding
Clinch
Positions
Code)
Indents
Indents
Nuts
1.213
.984
.494
.125
A—
5745410-1
5749014-1
19
30.81
24.99
12.55
3.18
B
5745182-2
——
.188
A—
5745410-7
4.78
1.541
1.312
.494
.125
A—
5745411-1
2
15
39.14
33.33
12.55
3.18
2.088
1.852
.494
.125
A—
5745412-1
5745959-1
3
25
53.04
47.04
12.55
3.18
B
5745186-2
——
.188
A—
5745412-7
4.78
4
37
2.729
2.500
.494
.125
A—
5745413-1
69.32
63.50
12.55
3.18
.125
A—
5745414-1
5
50
2.635
2.406
.605
3.18
66.93
61.11
15.37
.188
4.78
A—
5745414-7
*.125 [3.18] post length is for recommended pc board thickness of .062-.093 [1.58-2.36] max.; .188 [4.78] post length
is for recommended pc board thickness of .125 [3.18].
Notes: 1. All plugs are preloaded with size 20 DF posted pin contacts.
2. Special loading of contacts can be arranged upon request.
3. Longer post lengths available, consult TE.
With Grounding Indents
.025
[0.64]
Sq. Post
Typ.
Mating Face
.426±.010
[10.82±0.25]
.230±.006
[5.84±0.15]
.689±.015
[17.50±0.38]
.120
[3.05]
Dia.
Typ.
±.030
D
[±0.762]
±.015
A
[±0.381]
±.010
B
[±0.254]
±.015
C
[±0.381]
See customer drawings for pcb layouts.


Similar Part No. - 5745073-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5745073-2 MACOM-5745073-2 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
More results

Similar Description - 5745073-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5787190-5 MACOM-5787190-5 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
5747843-3 MACOM-5747843-3 Datasheet
978Kb / 37P
   AMPLIMITE Subminiature D Connectors
050 MACOM-050 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
543424-1 MACOM-543424-1 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com