Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA-16X16A Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # DEMO-MGA-16X16A
Description  Dual LNA for Balanced Application 450 ??1450 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-16X16A Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button DEMO-MGA-16X16A Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-16X16A Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-16X16A Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-16X16A Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-16X16A Datasheet HTML 9Page - Broadcom Corporation. DEMO-MGA-16X16A Datasheet HTML 10Page - Broadcom Corporation. DEMO-MGA-16X16A Datasheet HTML 11Page - Broadcom Corporation. DEMO-MGA-16X16A Datasheet HTML 12Page - Broadcom Corporation. DEMO-MGA-16X16A Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
Table 7. Typical Scattering Parameters, Vdd = 4.8 V, Idd = 60 mA
LNA SPAR (100 MHz – 20 GHz) The S-parameter are for single amplifier.
Freq
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(dB)
(ang)
(dB)
(ang)
(dB)
(ang)
(dB)
(ang)
0.1
-1.074
-31.307
30.372
152.301
-38.598
79.819
-8.582
-20.776
0.5
-7.419
-99.051
23.126
101.761
-26.683
69.129
-15.871
-48.167
0.7
-9.041
-115.776
20.596
91.484
-24.165
66.973
-17.771
-49.366
0.9
-10.023
-128.775
18.669
83.583
-22.241
64.407
-19.273
-49.337
1.0
-10.399
-133.219
17.812
80.178
-21.408
63.192
-19.593
-47.750
1.5
-11.500
-153.458
14.600
65.392
-18.141
55.849
-21.764
-45.214
1.7
-11.572
-161.056
13.591
60.010
-17.142
52.498
-23.571
-49.907
1.9
-11.538
-167.985
12.711
54.875
-16.230
49.228
-25.238
-55.033
2.0
-11.537
-171.125
12.302
52.304
-15.809
47.475
-25.944
-59.265
2.5
-11.445
175.803
10.521
40.088
-13.992
38.931
-29.570
-90.923
3.0
-11.401
164.403
9.105
28.417
-12.490
30.048
-30.232
-135.945
3.5
-11.399
153.594
7.971
17.073
-11.217
21.106
-27.571
-170.069
4.0
-11.292
141.943
7.028
5.853
-10.123
11.945
-25.227
162.620
4.5
-10.974
129.027
6.226
-5.240
-9.162
2.551
-22.592
135.000
5.0
-10.296
117.928
5.475
-16.254
-8.374
-6.976
-20.256
108.170
5.5
-9.477
106.083
4.815
-27.119
-7.680
-16.555
-17.261
83.874
6.0
-8.603
93.478
4.202
-37.909
-7.123
-26.573
-14.249
67.156
7.0
-7.784
71.674
3.114
-57.850
-6.153
-44.852
-10.893
50.129
8.0
-9.391
55.504
2.483
-76.469
-5.211
-62.621
-10.730
45.175
9.0
-12.116
29.799
2.048
-96.207
-4.265
-81.667
-10.574
42.707
10
-11.471
-5.874
1.407
-116.940
-3.779
-102.196
-8.835
20.126
11
-10.440
-27.549
0.451
-136.443
-3.736
-121.324
-7.217
-2.639
12
-11.273
-53.811
-0.038
-153.270
-3.384
-139.868
-6.823
-17.959
13
-20.959
-65.754
-0.721
-168.292
-3.563
-154.175
-7.004
-13.899
14
-22.024
-163.703
-0.599
171.370
-2.714
-176.815
-7.040
-17.790
15
-14.309
126.539
-0.665
147.554
-2.345
158.380
-7.104
-26.156
16
-12.226
65.090
-1.681
115.096
-3.019
125.379
-5.734
-43.382
17
-7.911
-127.772
-6.012
131.726
-6.652
139.053
-2.042
-74.188
18
-12.992
-10.792
-5.844
90.462
-6.431
96.994
-2.257
-68.762
19
-7.042
108.026
-4.522
103.345
-4.710
108.465
-3.313
-89.050
20
-4.476
31.259
-4.758
55.261
-5.060
58.580
-4.528
-112.266
Table 8. Typical Noise Parameters, for single amplifier, Vdd = 4.8 V, Idd = 60 mA
Freq
Fmin
Γopt
Γopt
Rn/50
GHz
dB
Mag.
Ang.
450
0.31
0.557
-17.0
0.035
700
0.23
0.438
0.5
0.033
835
0.21
0.460
21.6
0.032
950
0.23
0.423
33.1
0.032
1450
0.42
0.172
92.7
0.036
Notes:
1. The Fmin values are based on noise figure measurements at multiple input impedances using Focus source pull test system. From these
measurements a true Fmin is calculated.
2. Scattering and noise parameters are measured on coplanar waveguide made on 0.010 inch thick ROGER 4350. The input reference plane is at the
end of the RFinput pin and the output reference plane is at the end of the RFoutput pin as shown in Figure 7.
3. Idd can be obtained by varying the Vg1/Vg2. Refer to figure 7.


Similar Part No. - DEMO-MGA-16X16A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-16X16B BOARDCOM-DEMO-MGA-16X16B Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
More results

Similar Description - DEMO-MGA-16X16A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-16216 BOARDCOM-MGA-16216 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16116 AVAGO-MGA-16116_15 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
MGA-16116 AVAGO-MGA-16116 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
MGA-16116 AVAGO-MGA-16116_15 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
Broadcom Corporation.
MGA-16116 BOARDCOM-MGA-16116 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
DEMO-MGA-16X16B BOARDCOM-DEMO-MGA-16X16B Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16216 AVAGO-MGA-16216 Datasheet
744Kb / 17P
   Dual LNA for Balanced Application 1440 ??2350 MHz
MGA-16316 AVAGO-MGA-16316_15 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
logo
Broadcom Corporation.
MGA-16316 BOARDCOM-MGA-16316 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16316 AVAGO-MGA-16316 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com