Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA-16X16B Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # DEMO-MGA-16X16B
Description  Dual LNA for Balanced Application 450 ??1450 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-16X16B Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button DEMO-MGA-16X16B Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-16X16B Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-16X16B Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-16X16B Datasheet HTML 9Page - Broadcom Corporation. DEMO-MGA-16X16B Datasheet HTML 10Page - Broadcom Corporation. DEMO-MGA-16X16B Datasheet HTML 11Page - Broadcom Corporation. DEMO-MGA-16X16B Datasheet HTML 12Page - Broadcom Corporation. DEMO-MGA-16X16B Datasheet HTML 13Page - Broadcom Corporation. DEMO-MGA-16X16B Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Table 9. Typical Scattering Parameters, Vdd = 4.8 V, Idd = 75 mA
LNA SPAR (100 MHz – 20 GHz) The S-parameter are for single amplifier.
Freq
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(dB)
(ang)
(dB)
(ang)
(dB)
(ang)
(dB)
(ang)
0.1
-1.313
-33.530
31.014
150.648
-38.589
82.014
-9.661
-21.676
0.5
-7.873
-101.259
23.314
100.420
-26.803
70.767
-17.048
-45.449
0.7
-9.472
-117.752
20.741
90.485
-24.212
68.268
-18.831
-45.680
0.9
-10.402
-130.466
18.790
82.841
-22.239
65.516
-20.230
-44.960
1.0
-10.777
-134.737
17.925
79.542
-21.407
64.225
-20.421
-43.253
1.5
-11.805
-154.527
14.699
65.015
-18.111
56.520
-22.336
-39.860
1.7
-11.852
-162.032
13.689
59.715
-17.106
53.063
-24.200
-43.748
1.9
-11.792
-168.879
12.807
54.640
-16.185
49.733
-25.976
-48.172
2.0
-11.784
-171.996
12.394
52.113
-15.760
47.932
-26.759
-52.109
2.5
-11.656
175.184
10.608
40.041
-13.941
39.243
-31.149
-84.360
3.0
-11.594
163.899
9.189
28.441
-12.442
30.253
-32.084
-136.841
3.5
-11.581
153.195
8.048
17.188
-11.174
21.216
-28.646
-173.768
4.0
-11.462
141.576
7.102
6.023
-10.080
11.962
-25.816
158.924
4.5
-11.124
128.688
6.296
-5.029
-9.126
2.544
-22.900
131.803
5.0
-10.429
117.634
5.542
-15.972
-8.341
-7.041
-20.389
105.521
5.5
-9.589
105.823
4.879
-26.805
-7.655
-16.664
-17.298
81.989
6.0
-8.686
93.240
4.265
-37.559
-7.099
-26.672
-14.261
65.816
7.0
-7.862
71.395
3.176
-57.450
-6.142
-44.949
-10.940
49.294
8.0
-9.495
55.210
2.549
-76.083
-5.204
-62.770
-10.846
44.633
9.0
-12.268
29.175
2.104
-95.838
-4.274
-81.847
-10.697
42.499
10.0
-11.584
-6.517
1.463
-116.574
-3.791
-102.332
-8.928
20.087
11.0
-10.522
-28.153
0.508
-136.137
-3.751
-121.438
-7.284
-2.588
12.0
-11.357
-54.514
0.015
-153.014
-3.401
-139.971
-6.889
-17.777
13.0
-21.178
-67.548
-0.677
-168.073
-3.589
-154.248
-7.059
-13.574
14.0
-21.655
-166.052
-0.566
171.616
-2.742
-176.860
-7.048
-17.396
15.0
-14.145
126.771
-0.631
147.729
-2.383
158.332
-7.099
-25.793
16.0
-12.117
65.327
-1.666
115.223
-3.062
125.393
-5.710
-43.125
17.0
-7.916
-127.952
-5.980
131.954
-6.667
139.243
-2.048
-74.067
18.0
-13.009
-9.966
-5.842
90.681
-6.475
97.145
-2.253
-68.631
19.0
-6.983
107.757
-4.520
103.388
-4.751
108.605
-3.313
-88.879
20.0
-4.463
31.666
-4.751
55.507
-5.083
58.833
-4.500
-112.076
Table 10. Typical Noise Parameters, for single amplifier, Vdd = 4.8 V, Idd = 75 mA
Freq
Fmin
Γopt
Γopt
Rn/50
GHz
dB
Mag.
Ang.
450
0.32
0.521
-18.1
0.036
700
0.23
0.426
-6.4
0.033
835
0.23
0.387
17.8
0.033
950
0.25
0.388
25.5
0.033
1450
0.43
0.139
93.9
0.037
Notes:
1. The Fmin values are based on noise figure measurements at multiple input impedances using Focus source pull test system. From these
measurements a true Fmin is calculated.
2. Scattering and noise parameters are measured on coplanar waveguide made on 0.010 inch thick ROGER 4350. The input reference plane is at the
end of the RFinput pin and the output reference plane is at the end of the RFoutput pin as shown in Figure 7.
3. Idd can be obtained by varying the Vg1/Vg2. Refer to figure 7.


Similar Part No. - DEMO-MGA-16X16B

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-16X16A BOARDCOM-DEMO-MGA-16X16A Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
More results

Similar Description - DEMO-MGA-16X16B

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-16216 BOARDCOM-MGA-16216 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16116 AVAGO-MGA-16116_15 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
Broadcom Corporation.
DEMO-MGA-16X16A BOARDCOM-DEMO-MGA-16X16A Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16116 AVAGO-MGA-16116 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
MGA-16116 AVAGO-MGA-16116_15 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
Broadcom Corporation.
MGA-16116 BOARDCOM-MGA-16116 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16216 AVAGO-MGA-16216 Datasheet
744Kb / 17P
   Dual LNA for Balanced Application 1440 ??2350 MHz
MGA-16316 AVAGO-MGA-16316_15 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
logo
Broadcom Corporation.
MGA-16316 BOARDCOM-MGA-16316 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16316 AVAGO-MGA-16316 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com