Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA-30X89 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # DEMO-MGA-30X89
Description  0.25W Driver Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-30X89 Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button DEMO-MGA-30X89 Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA-30X89 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-30X89 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-30X89 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-30X89 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-30X89 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-30X89 Datasheet HTML 9Page - Broadcom Corporation. DEMO-MGA-30X89 Datasheet HTML 10Page - Broadcom Corporation. DEMO-MGA-30X89 Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
600
700
800
900
1000
1100
1200
Frequency (MHz)
0
20
40
60
80
100
120
140
160
180
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Voltage (Volt)
31
32
33
34
35
36
37
38
39
40
41
42
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
Pout (dBm)
85C
25C
-40C
85C
25C
-40C
MGA-30489 Application Circuit Data for 900MHz (cont'd)
Figure 23. OIP3 vs Output Power at 1900MHz
Figure 24. Current vs Voltage and Temperature
Figure 22. Noise Figure vs Frequency vs Temperature


Similar Part No. - DEMO-MGA-30X89

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-30X16 BOARDCOM-DEMO-MGA-30X16 Datasheet
311Kb / 17P
   쩍 Watt High Linearity Amplifi er
DEMO-MGA-30X16B BOARDCOM-DEMO-MGA-30X16B Datasheet
311Kb / 17P
   150MHz ??1GHz 쩍 Watt High Linearity Amplifi er
More results

Similar Description - DEMO-MGA-30X89

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30489 AVAGO-MGA-30489 Datasheet
792Kb / 18P
   0.25W Driver Amplifier
MGA-30489 AVAGO-MGA-30489_15 Datasheet
802Kb / 18P
   0.25W Driver Amplifier
logo
Broadcom Corporation.
MGA-30489 BOARDCOM-MGA-30489 Datasheet
802Kb / 18P
   0.25W Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31289 AVAGO-MGA-31289_15 Datasheet
565Kb / 13P
   0.25W High Gain Driver Amplifier
MGA-31289 AVAGO-MGA-31289 Datasheet
554Kb / 13P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189_15 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189 Datasheet
546Kb / 15P
   0.25W High Gain Driver Amplifier
logo
Broadcom Corporation.
MGA-31289 BOARDCOM-MGA-31289 Datasheet
565Kb / 13P
   0.25W High Gain Driver Amplifier 1500 - 3000 MHz
MGA-31189 BOARDCOM-MGA-31189 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier 50 ??2000 MHz
logo
RF Micro Devices
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com