Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5745928-2 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # 5745928-2
Description  AMPLIMITE Subminiature D Connectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5745928-2 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button 5745928-2 Datasheet HTML 5Page - TE Connectivity Ltd 5745928-2 Datasheet HTML 6Page - TE Connectivity Ltd 5745928-2 Datasheet HTML 7Page - TE Connectivity Ltd 5745928-2 Datasheet HTML 8Page - TE Connectivity Ltd 5745928-2 Datasheet HTML 9Page - TE Connectivity Ltd 5745928-2 Datasheet HTML 10Page - TE Connectivity Ltd 5745928-2 Datasheet HTML 11Page - TE Connectivity Ltd 5745928-2 Datasheet HTML 12Page - TE Connectivity Ltd 5745928-2 Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
84
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HD-20 All-Plastic Straight Posted Connectors (Continued)
Receptacle
Material and Finish:
Housing—94V-0 rated thermoplastic,
black
Threaded Inserts—Brass, unplated
Female Screwlocks—Brass, nickel
plated
Socket Contacts (Posted)—
Phosphor bronze, plated as follows:
A—.000030 [0.00076] gold on mating
end, tin on termination end, with entire
contact .000050 [0.00127] (min.) nickel
underplated
B—Gold flash on mating end, tin on
termination end, with entire contact
.000050 [0.00127] (min.) nickel
underplated
Technical Documents:
Product Specification—108-40025
Typical Applications
Application of connector with 4-40 Threaded
Inserts using Short Female Screwlocks included
in Kit No. 207952
Application of connector with 4-40 Fixed Female
Screwlocks. (See table on next page.)
Note: Hardware parts in illustrations above are not included with the connectors listed in the table on page 85.
They are to be supplied by the Customer or, where applicable, purchased separately from TE using the part nos.
specified.
Long Female
Screwlock
(1 Kit Req'd.)
Panel
(Optional)
Pc Board
Washer
Hex Nut
Washer
Screw
Pc Board
4-40 Fixed
Female
Screwlock
Pc Board
4-40
Threaded
Insert
Panel
Short Female
Screwlock
(2 Req'd.)
Application of connector with standard mounting
holes using Long Female Screwlock Kit No. 207719
With Standard Mounting Hole
With Threaded Insert
With Fixed Female Screwlock
Mating Face
.479±.015
[12.17±0.38]
.243
[6.17]
.026
[0.66]
Dia.
Typ.
See Table
C
Max.
A
Max.
+.020
D
[-0.508]
+.015
[0.381]
±.010
B
[±0.25]
See customer drawings for pcb layouts.


Similar Part No. - 5745928-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5745908-2 MACOM-5745908-2 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
5745908-2 MACOM-5745908-2 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
5745919-1 MACOM-5745919-1 Datasheet
112Kb / 1P
   CABLE CLAMP KIT
5745919-2 MACOM-5745919-2 Datasheet
112Kb / 1P
   CABLE CLAMP KIT
5745919-3 MACOM-5745919-3 Datasheet
112Kb / 1P
   CABLE CLAMP KIT
More results

Similar Description - 5745928-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5787190-5 MACOM-5787190-5 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
5747843-3 MACOM-5747843-3 Datasheet
978Kb / 37P
   AMPLIMITE Subminiature D Connectors
050 MACOM-050 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
543424-1 MACOM-543424-1 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com