Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6333-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS7B6333-Q1
Description  300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6333-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7B6333-Q1 Datasheet HTML 1Page - Texas Instruments TPS7B6333-Q1 Datasheet HTML 2Page - Texas Instruments TPS7B6333-Q1 Datasheet HTML 3Page - Texas Instruments TPS7B6333-Q1 Datasheet HTML 4Page - Texas Instruments TPS7B6333-Q1 Datasheet HTML 5Page - Texas Instruments TPS7B6333-Q1 Datasheet HTML 6Page - Texas Instruments TPS7B6333-Q1 Datasheet HTML 7Page - Texas Instruments TPS7B6333-Q1 Datasheet HTML 8Page - Texas Instruments TPS7B6333-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TPS7B63xx-Q1
IN
DELAY
ROSC
WTS
EN
WD_EN
WD
OUT
RADJ
WDO
PG
FSEL
WRS
MCU Supply
Digital Output
MCU I
MCU RESET
MCU O
Battery
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS7B6333-Q1, TPS7B6350-Q1
SLVSDU9A – FEBRUARY 2017 – REVISED MARCH 2017
TPS7B63xx-Q1 300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C4B
Maximum Output Current: 300 mA
4-V to 40-V Wide VIN Input-Voltage Range With
Up to 45-V Transients
Fixed 3.3-V and 5-V Outputs
Maximum Dropout Voltage: 400 mV at 300 mA
Stable With Output Capacitor in Wide Range of
Capacitance (4.7 µF to 500 µF) and ESR (0.001 Ω
to 20 Ω)
Low Quiescent Current (I(Q))
< 4 µA When EN Is Low (Shutdown Mode)
19 µA Typical at Light Loads With WD_EN
High (Watchdog Disabled)
Configurable for Window Watchdog or Standard
Watchdog
Open-to-Closed Window Ratio Configurable as
1:1 or 8:1
Fully Adjustable Watchdog Period (From 10 ms to
500 ms)
9% Accurate Watchdog Period
Dedicated WD_EN Pin to Control Watchdog ON-
OFF
Fully Adjustable Power-Good Threshold and
Power-Good Delay Period
Low Input-Voltage Tracking to UVLO
Integrated Fault Protection
Overload Current-Limit Protection
Thermal Shutdown
16-Pin HTSSOP Package
2 Applications
Automotive MCU Power Supply
Body Control Modules (BCM)
Body Comfort Modules
EV and HEV Battery Management Systems
(BMS)
Electronic Gear Shifter
Transmission Control Unit (TCU)
Electrical Power Steering (EPS)
3 Description
In
automotive
microcontroller
or
microprocessor
power-supply applications, the watchdog is used to
monitor the microcontroller working status to prevent
software runaway. It is necessary for the watchdog to
be independent of the microcontroller in a reliable
system.
The TPS7B63xx-Q1 device is a family of 300-mA
watchdog LDOs designed for an operating voltage up
to 40 V, with typical quiescent current of only 19 µA
at light load. The devices integrate a programmable
function for selecting a window watchdog or standard
watchdog, with an external resistor to set the
watchdog time within 9% accuracy.
The PG pin on the TPS7B63xx-Q1 devices indicate
when the output voltage is stable and in regulation.
The
power-good
delay
period
and
power-good
threshold can be adjusted by selecting external
components. The devices also feature integrated
short-circuit
and
overcurrent
protection.
The
combination of such features makes these devices
particularly
flexible
and
suitable
to
supply
microcontroller in automotive applications.
Device Information(1)
PART NUMBER
OUTPUT VOLTAGE
PACKAGE
TPS7B6333-Q1
Fixed 3.3 V
HTSSOP (16)
TPS7B6350-Q1
Fixed 5 V
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic


Similar Part No. - TPS7B6333-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6333-Q1 TI1-TPS7B6333-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
More results

Similar Description - TPS7B6333-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6333-Q1 TI1-TPS7B6333-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1_17 Datasheet
1Mb / 32P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
[Old version datasheet]   150-mA, 40-V Ultralow-Quiescent-Current LDO
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1824ST-3302E MICROCHIP-MCP1824ST-3302E Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com