Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6350-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS7B6350-Q1
Description  300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6350-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7B6350-Q1 Datasheet HTML 5Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 6Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 7Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 8Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 9Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 10Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 11Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 12Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Input Voltage (V)
0
5
10
15
20
25
30
35
40
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D011
-40qC
25qC
125qC
Frequency (Hz)
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
10M
D012
Ambient Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
500
600
700
800
900
D009
Output Current (mA)
0
50
100
150
200
250
300
350
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D010
40 °C
25 °C
125 °C
Ambient Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
4.94
4.97
5
5.03
5.06
D007
Input Voltage (V)
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
D008
-40qC
25qC
125qC
9
TPS7B6333-Q1, TPS7B6350-Q1
www.ti.com
SLVSDU9A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: TPS7B6333-Q1 TPS7B6350-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 14 V, VEN ≥ 2 V, TJ = –40ºC to 150ºC unless otherwise noted
VOUT = 5 V
Figure 7. Output Voltage vs Ambient Temperature
VOUT = 5 V
Figure 8. Output Voltage vs Input Voltage
VIN = 5.6 V
Figure 9. Output Current Limit (ILIM) vs Ambient
Temperature
Figure 10. Load Regulation
Figure 11. Line Regulation
COUT = 10 μF
IOUT = 1 mA
TA = 25°C
Figure 12. PSRR vs Frequency


Similar Part No. - TPS7B6350-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6350-Q1 TI1-TPS7B6350-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
More results

Similar Description - TPS7B6350-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6333-Q1 TI1-TPS7B6333-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1_17 Datasheet
1Mb / 32P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
[Old version datasheet]   150-mA, 40-V Ultralow-Quiescent-Current LDO
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1824ST-3302E MICROCHIP-MCP1824ST-3302E Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com