Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6701-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS7B6701-Q1
Description  450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6701-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7B6701-Q1 Datasheet HTML 7Page - Texas Instruments TPS7B6701-Q1 Datasheet HTML 8Page - Texas Instruments TPS7B6701-Q1 Datasheet HTML 9Page - Texas Instruments TPS7B6701-Q1 Datasheet HTML 10Page - Texas Instruments TPS7B6701-Q1 Datasheet HTML 11Page - Texas Instruments TPS7B6701-Q1 Datasheet HTML 12Page - Texas Instruments TPS7B6701-Q1 Datasheet HTML 13Page - Texas Instruments TPS7B6701-Q1 Datasheet HTML 14Page - Texas Instruments TPS7B6701-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
VIN
VOUT
RESET
UVThres
VTH(POR)
VTH(RST_DLY)
tRST_ DEGLITCH
tRST_DELAY
t <tRST_DEGLITCH
tRST_ DEGLITCH
VTH(RST_DLY)
tRST_ DELAY
Internally Set
DELAY
DELAY
d
C
1 V
t
9.5 µA
´
=
TPS7B6701-Q1
TPS7B6733-Q1, TPS7B6750-Q1
www.ti.com
SLVSCB2C – OCTOBER 2013 – REVISED DECEMBER 2014
9.3 Feature Description
9.3.1 Enable (EN)
The enable pin is a high-voltage-tolerant pin. A high input on EN actives the device and turns on the regulator.
For self-bias applications, connect this input to the VIN pin.
9.3.2 Regulated Output (VOUT)
The VOUT pin is the regulated output based on the required voltage. The output has current limitation. During
initial power up, the regulator has a soft start incorporated to control the initial current through the pass element.
In the event that the regulator drops out of regulation, the output tracks the input minus a drop based on the load
current. When the input voltage drops below the UVLO threshold, the regulator shuts down until the input voltage
recovers above the minimum start-up level.
9.3.3 Power-On-Reset (RESET)
The power-on-reset is an output with an external pullup resistor to the regulated supply. The reset output remains
low until the regulated VO exceeds approximately 91.6% of the set value and the power-on-reset delay has
expired. The regulated output falling below the 89.6% level asserts this output low after a short de-glitch time of
approximately 180 µs (typical).
9.3.4 Reset Delay Timer (DELAY)
An external capacitor on this pin sets the timer delay before the reset pin is asserted high. The constant output
current charges an external capacitor until the voltage exceeds a threshold to trip an internal comparator. If this
pin is open, the default delay time is 325 µs (typical).
The reset pulse delay time td, is defined with the charge time of an external capacitor DELAY (see Equation 1).
(1)
The power-on-reset initializes when VO exceeds 91.6% of the programmed value. The power-on-reset delay is a
function of the value set by an external capacitor on the DELAY pin before the RESET pin is released high.
Figure 18. Conditions to Activate RESET
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS7B6701-Q1 TPS7B6733-Q1 TPS7B6750-Q1


Similar Part No. - TPS7B6701-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI-TPS7B6701-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7B67xx-Q1 450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results

Similar Description - TPS7B6701-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI-TPS7B6701-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7B67xx-Q1 450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_17 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCV8716 ONSEMI-NCV8716_16 Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com