Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A6301QPWPRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A6301QPWPRQ1
Description  300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6301QPWPRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS7A6301QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
TPS7A6301-Q1, TPS7A6333-Q1, TPS7A6350-Q1, TPS7A6401-Q1
www.ti.com
SLVSAB1E – JUNE 2011 – REVISED SEPTEMBER 2015
6.4 Thermal Information
TPS7A6401-Q1
TPS7A63xx-Q1
THERMAL METRIC(1)
UNIT
PWP (HTTSOP)
DRK (VSON)
14 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
46
36.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
32.6
36.6
°C/W
RθJB
Junction-to-board thermal resistance
27.4
11.6
°C/W
ψJT
Junction-to-top characterization parameter
1.2
0.5
°C/W
ψJB
Junction-to-board characterization parameter
27.2
11.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.5
3.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
VIN = 14 V, TJ = –40ºC to 150ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE (VIN PIN)
VOUT +
VIN
Input voltage
VOUT = 2.5 V to 7 V, IOUT = 1 mA
40
V
0.3 V
VIN = 8.2 V to 18 V, VEN = 5 V,
IQUIESCENT
Quiescent current
35
µA
IOUT = 0.01 mA to 0.75 mA
VIN = 8.2 V to 18 V, VEN < 0.8 V,
ISLEEP
Sleep or shutdown current
3
µA
IOUT = 0 mA (no load), TA = 125°C
Undervoltage lockout
VIN-UVLO
Ramp VIN down until output is turned OFF
3.16
V
voltage
VIN(POWERUP)
Power-up voltage
Ramp VIN up until output is turned ON
3.45
V
DEVICE ENABLE INPUT (EN PIN)
VIL
Logic-input low level
0
0.8
V
VIH
Logic-input high level
2.5
40
V
REGULATED OUTPUT VOLTAGE (VOUT PIN)
Fixed VOUT value (3.3 V, 5 V or a programmed value),
VOUT
Regulated output voltage
–2%
2%
IOUT = 10 mA to 200 mA, VIN = VOUT + 1 V to 16V
VIN = 6 V to 28 V, IOUT = 10 mA, VOUT = 5 V
15
mV
ΔVLINE-REG
Line regulation
VIN = 6 V to 28 V, IOUT = 10 mA, VOUT = 3.3 V
20
mV
IOUT = 10 mA to 200 mA, VIN= 14 V, VOUT = 5 V
25
mV
ΔVLOAD-REG
Load regulation
IOUT = 10 mA to 200 mA, VIN = 14 V, VOUT = 3.3 V
35
mV
IOUT = 200 mA
500
mV
Dropout voltage
VDROPOUT
(VIN – VOUT)
IOUT = 150 mA
300
mV
RSW
(1)
Switch resistance
VIN to VOUT resistance
2
Ω
VOUT in regulation
0
200
mA
IOUT
Output current
[VOUT in regulation, VOUT = 3.3 V, VIN = 6 V]
(2)
0
300
mA
ICL
Output current limit
VOUT = 0 V (VOUT pin is shorted to ground)
350
1000
mA
VIN-RIPPLE = 0.5 Vpp, IOUT = 200 mA, frequency = 100
60
Hz, VOUT = 5 V and VOUT = 3.3 V
Power-supply ripple
PSRR(3)
dB
rejection
VIN-RIPPLE = 0.5 Vpp, IOUT = 200 mA, frequency = 150
30
kHz, VOUT = 5 V and VOUT = 3.3 V
RESET (nRST PIN)
VOL
Reset pulled low
IOL = 5 mA
0.4
V
(1)
This test is done with VOUT in regulation, measuring the VIN – VOUT parameter when VOUT drops by 100 mV from the programmed value
(of VOUT) at specified loads.
(2)
Design Information - not tested; specified by characterization.
(3)
Specified by design - not tested.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS7A6301-Q1 TPS7A6333-Q1 TPS7A6350-Q1 TPS7A6401-Q1


Similar Part No. - TPS7A6301QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6301QPWPRQ1 TI1-TPS7A6301QPWPRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TPS7A6301QPWPRQ1 TI1-TPS7A6301QPWPRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
More results

Similar Description - TPS7A6301QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com