Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4518DCQR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4518DCQR
Description  Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4518DCQR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A4518DCQR Datasheet HTML 2Page - Texas Instruments TPS7A4518DCQR Datasheet HTML 3Page - Texas Instruments TPS7A4518DCQR Datasheet HTML 4Page - Texas Instruments TPS7A4518DCQR Datasheet HTML 5Page - Texas Instruments TPS7A4518DCQR Datasheet HTML 6Page - Texas Instruments TPS7A4518DCQR Datasheet HTML 7Page - Texas Instruments TPS7A4518DCQR Datasheet HTML 8Page - Texas Instruments TPS7A4518DCQR Datasheet HTML 9Page - Texas Instruments TPS7A4518DCQR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
TPS7A4501, TPS7A4515, TPS7A4518, TPS7A4525, TPS7A4533
SLVS720F – JUNE 2008 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Over recommended operating temperature range TJ = –40 to 125°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP (2)
MAX
UNIT
25°C
2
9
VIN = 2.5 V,
TPS7A4515
ΔILOAD = 1 mA to 1.5 A
Full range
18
25°C
2
10
VIN = 2.8 V,
TPS7A4518
ΔILOAD = 1 mA to 1.5 A
Full range
20
25°C
2.5
15
VIN = 3.5 V,
TPS7A4525
ΔILOAD = 1 mA to 1.5 A
Full range
30
25°C
3
20
Load regulation
mV
VIN = 4.3 V,
-40 to +85
TPS7A4533
30
ΔILOAD = 1 mA to 1.5 A
°C
Full range
70
25°C
2
8
VIN = 2.5 V,
-40 to +85
TPS7A4501 (3)
8
ΔILOAD = 1 mA to 1.5 A
°C
Full range
18
25°C
0.02
0.05
ILOAD = 1 mA
Full range
0.06
25°C
0.085
0.10
ILOAD = 100 mA
Full range
0.13
Dropout voltage (4) (6) (7)
VDO
V
VIN = VOUT(NOMINAL)
25°C
0.17
0.180
ILOAD = 500 mA
Full range
0.250
25°C
0.300
0.350
ILOAD = 1.5 A
Full range
0.450
ILOAD = 0 mA
Full range
1
1.5
ILOAD = 1 mA
Full range
1.1
1.6
GND pin current (7) (8)
IGND
ILOAD = 100 mA
Full range
3.3
3.5
mA
VIN = VOUT(NOMINAL) + 1
ILOAD = 500 mA
Full range
15
17
ILOAD = 1.5 A
Full range
80
90
COUT = 10 μF, ILOAD = 1.5 A,
eN
Output voltage noise
25°C
35
μVRMS
BW = 10 Hz to 100 kHz
IADJ
ADJ pin bias current (3) (9)
25°C
3
7
μA
VOUT = OFF to ON
Full range
0.9
2
Shutdown threshold
V
VOUT = ON to OFF
Full range
0.25
0.75
V SHDN = 0 V
25°C
0.01
1
I SHDN
SHDN pin current
μA
V SHDN = 20 V
25°C
3
20
Quiescent current in shutdown
VIN = 6 V, V SHDN = 0 V
25°C
0.01
1
μA
VIN – VOUT = 1.5 V (avg), VRIPPLE = 0.5 VP-P,
Ripple rejection
25°C
68
dB
fRIPPLE = 120 Hz, ILOAD = 0.75 A
VIN = 7 V, VOUT = 0 V
25°C
2
ILIMIT
Current limit
A
VIN = VOUT(NOMINAL) + 1
Full range
1.6
IIL
Input reverse leakage current
VIN = –20 V, VOUT = 0 V
Full range
300
μA
(6)
Dropout voltage is the minimum input to output voltage differential needed to maintain regulation at a specified output current. In
dropout, the output voltage is equal to: VIN – VDROPOUT.
(7)
To satisfy requirements for minimum input voltage, the TPS7A4501 is tested and specified for these conditions with an external resistor
divider (two 4.12-k
Ω resistors) for an output voltage of 2.4 V. The external resistor divider adds a 300-µA DC load on the output.
(8)
GND pin current is tested with VIN = (VOUT(NOMINAL) + 1 V) and a current source load. The GND pin current decreases at higher input
voltages.
(9)
ADJ pin bias current flows into the ADJ pin.
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS7A4501 TPS7A4515 TPS7A4518 TPS7A4525 TPS7A4533


Similar Part No. - TPS7A4518DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4518DCQR TI-TPS7A4518DCQR Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4518DCQR TI1-TPS7A4518DCQR Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
More results

Similar Description - TPS7A4518DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101-Q1 TI1-TPS75101-Q1 Datasheet
448Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com