Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A63-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A63-Q1
Description  300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A63-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A63-Q1 Datasheet HTML 2Page - Texas Instruments TPS7A63-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A63-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A63-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A63-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A63-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A63-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A63-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A63-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
TPS7A6301-Q1, TPS7A6333-Q1, TPS7A6350-Q1, TPS7A6401-Q1
SLVSAB1E – JUNE 2011 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
VIN = 14 V, TJ = –40ºC to 150ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH
Leakage current
Reset pulled to VOUT through a 5-k
Ω resistor
1
µA
VOUT powered up above internally set tolerance,
4.5
4.65
4.77
VOUT = 5 V
VTH(POR)
Power-on-reset threshold
V
VOUT powered up above internally set tolerance,
3.07
VOUT = 3.3 V
VOUT falling below internally set tolerance,
4.5
4.65
4.77
VOUT = 5 V
UVTHRES
Reset threshold
V
VOUT falling below internally set tolerance,
3.07
VOUT = 3.3 V
CDLY = 100 pF
300
µs
tPOR
(2)
Power-on-reset delay
CDLY = 100 nF
300
ms
Internally preset
tPOR-PRESET
CDLY not connected, VOUT = 5 V and VOUT = 3.3 V
250
µs
Power-on-reset delay
tDEGLITCH
Reset deglitch time
5.5
µs
RESET DELAY (RDELAY PIN)
Threshold to release nRST
VTH(RDELAY)
Voltage at RDELAY pin is ramped up
3
3.3
V
high
Delay capacitor
IDLY
0.75
1
1.25
µA
charging current
Delay capacitor
IOL
Voltage at RDELAY pin = 1 V
5
mA
discharging current
CURRENT VOLTAGE REFERENCE (ROSC PIN)
VROSC
Voltage reference
0.95
1
1.05
V
WATCHDOG FAULT / FLAG OUTPUT (WD_FLT / WD_FLAG Pin)
VOL
Logic output low level
IOL= 5 mA
0.4
V
WD_FLT/WD_FLG pulled to VOUT through 5-kΩ
IOH
Leakage current
1
µA
resistor
WATCHDOG ENABLE INPUT (nWD_EN PIN)
VIL
Logic input low level
0.8
V
VIH
Logic input high level
3 V < VDD < 5.25 V
2.5
V
WATCHDOG INPUT PULSE (WD PIN)
VIL
Logic input low level
0.8
V
VIH
Logic input high level
3 V < VDD < 5.25 V
2.5
V
ROSC = 10 kΩ ± 1%
10
tWD
Watchdog window duration
ms
ROSC = 20kΩ ± 1%
20
Tolerance of watchdog
Excludes tolerance of ROSC
tWD-tol
period using external
–10%
10%
(external resistor connected to ROSC pin)
resistor
External resistor not connected, ROSC pin is floating
tWD-DEFAULT
Default watchdog period
108
164
254
ms
or open
Minimum pulse width for
tWD-HOLD
1.65
µs
resetting watch dog timer
OPERATING TEMPERATURE RANGE
Operating junction
TJ
–40
150
ºC
temperature
Thermal shutdown trip
TSHUTDOWN
165
ºC
point
Thermal shutdown
THYST
10
ºC
hysteresis
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS7A6301-Q1 TPS7A6333-Q1 TPS7A6350-Q1 TPS7A6401-Q1


Similar Part No. - TPS7A63-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
TPS7A6301-Q1 TI1-TPS7A6301-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
TPS7A6301QPWPRQ1 TI1-TPS7A6301QPWPRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TPS7A6301QPWPRQ1 TI1-TPS7A6301QPWPRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
More results

Similar Description - TPS7A63-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com