Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B67-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7B67-Q1
Description  450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B67-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS7B67-Q1 Datasheet HTML 1Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 2Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 3Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 4Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 5Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 6Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 7Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 8Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TPS7B6701-Q1
TPS7B6733-Q1, TPS7B6750-Q1
SLVSCB2C – OCTOBER 2013 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
9.2
Functional Block Diagram ....................................... 10
1
Features .................................................................. 1
9.3
Feature Description................................................. 11
2
Applications ........................................................... 1
9.4
Device Functional Modes........................................ 13
3
Description ............................................................. 1
10
Application and Implementation........................ 14
4
Typical Application Schematic ............................. 1
10.1
Application Information.......................................... 14
5
Revision History..................................................... 2
10.2
Typical Application ................................................ 14
6
Device Comparison ............................................... 4
11
Power Supply Recommendations ..................... 16
7
Pin Configuration and Functions ......................... 4
12
Layout................................................................... 16
8
Specifications......................................................... 5
12.1
Layout Guidelines ................................................. 16
8.1
Absolute Maximum Ratings ...................................... 5
12.2
Layout Example .................................................... 17
8.2
ESD Ratings.............................................................. 5
13
Device and Documentation Support ................. 18
8.3
Recommended Operating Conditions ....................... 5
13.1
Related Links ........................................................ 18
8.4
Thermal Information .................................................. 5
13.2
Trademarks ........................................................... 18
8.5
Electrical Characteristics........................................... 6
13.3
Electrostatic Discharge Caution ............................ 18
8.6
Timing Requirements ................................................ 7
13.4
Glossary ................................................................ 18
8.7
Typical Characteristics .............................................. 7
14
Mechanical, Packaging, and Orderable
9
Detailed Description ............................................ 10
Information ........................................................... 18
9.1
Overview ................................................................. 10
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (March 2014) to Revision C
Page
Deleted the TPS7B6750A-Q1 and TPS7B6750B-Q1 devices and DDPAK package from the data sheet............................ 1
Changed the word terminal to pin throughout the data sheet ................................................................................................ 4
Changed the Handling Ratings table to ESD Ratings and moved the storage temperature into the Absolute
Maximum Ratings table. Added corner pin values for CDM ratings. .................................................................................... 5
Changes from Revision A (November 2013) to Revision B
Page
Updated the first page by making the following additions: the Device Information table, device family name to
document title, and added the navigation buttons.................................................................................................................. 1
Changed the IQ value from < 2 to < 4 when EN = Low in the Features list .......................................................................... 1
Added the Table of Contents and moved the Revision History to the second page ............................................................. 1
Replaced the ORDERING INFORMATION table with the Device Comparison Table and deleted the Device and
Package columns ................................................................................................................................................................... 4
Added Moved all electrical specifications tables and the Typical Characteristics section into the Specifications section..... 5
Changed the max value for DELAY from VI to 45 V in the Absolute Maximum Ratings table. Also added new table
note for DELAY....................................................................................................................................................................... 5
Changed the max value for ADJ, RESET from VO to 22 V in the Absolute Maximum Ratings table .................................... 5
Changed the value of IO from 1 mA to 450 mA for the Input voltage test conditions in the Electrical Characteristics table . 6
Added the value for VI in the test conditions of the Regulated output and the Line regulator parameters in the
Electrical Characteristics table .............................................................................................................................................. 6
Moved the timing parameters (TIMING FOR RESET) out of the Electrical Characteristics table and into the new
Timing Requirements table .................................................................................................................................................... 7
Added the Overview section title to the first paragraph of the Detailed Description section ............................................... 10
Updated the Power-On_Reset (RESET) section by making the following changes: changed the percentage that VO
exceeds for the reset output to change from 90% to 91.6% (also changed this value in the Reset Delay Timer
(DELAY) section), removed The on-chip oscillator presets the delay, and changed the percentage level to assert the
output from 90% to 89.6% .................................................................................................................................................... 11
Changed the junction temperature value that disables thermal protection from 170°C to 175°C in the Thermal
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS7B6701-Q1 TPS7B6733-Q1 TPS7B6750-Q1


Similar Part No. - TPS7B67-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI-TPS7B6701-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7B67xx-Q1 450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701QKTTRQ1 TI1-TPS7B6701QKTTRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701QPWPRQ1 TI1-TPS7B6701QPWPRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6733-Q1 TI1-TPS7B6733-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results

Similar Description - TPS7B67-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI-TPS7B6701-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7B67xx-Q1 450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_17 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCV8716 ONSEMI-NCV8716_16 Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com