Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4518KTTRG3 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4518KTTRG3
Description  Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4518KTTRG3 Datasheet(HTML) 5 Page - Texas Instruments

  TPS7A4518KTTRG3 Datasheet HTML 1Page - Texas Instruments TPS7A4518KTTRG3 Datasheet HTML 2Page - Texas Instruments TPS7A4518KTTRG3 Datasheet HTML 3Page - Texas Instruments TPS7A4518KTTRG3 Datasheet HTML 4Page - Texas Instruments TPS7A4518KTTRG3 Datasheet HTML 5Page - Texas Instruments TPS7A4518KTTRG3 Datasheet HTML 6Page - Texas Instruments TPS7A4518KTTRG3 Datasheet HTML 7Page - Texas Instruments TPS7A4518KTTRG3 Datasheet HTML 8Page - Texas Instruments TPS7A4518KTTRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TPS7A4501, TPS7A4515, TPS7A4518, TPS7A4525, TPS7A4533
www.ti.com
SLVS720F – JUNE 2008 – REVISED NOVEMBER 2015
7.4 Thermal Information
TPS7A45xx
THERMAL METRIC (1) (2)
KTT (TO-263)
DCQ (SOT-223)
UNIT
5 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
28.0
50.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
43.0
31.1
°C/W
RθJB
Junction-to-board thermal resistance
17.4
5.1
°C/W
ψJT
Junction-to-top characterization parameter
3.9
1.0
°C/W
ψJB
Junction-to-board characterization parameter
9.4
5.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
7.5 Electrical Characteristics
Over recommended operating temperature range TJ = –40 to 125°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP (2)
MAX
UNIT
ILOAD = 0.5 A
25°C
1.9
VIN
Minimum input voltage (3) (4)
V
ILOAD = 1.5 A
Full range
2.1
2.5
VIN = 2.21 V, ILOAD = 1 mA
25°C
1.485
1.5
1.515
TPS7A4515
VIN = 2.5 V to 20 V,
Full range
1.447
1.5
1.545
ILOAD = 1 mA to 1.5 A
VIN = 2.3 V, ILOAD = 1 mA
25°C
1.782
1.8
1.818
TPS7A4518
VIN = 2.8 V to 20 V,
Full range
1.737
1.8
1.854
ILOAD = 1 mA to 1.5 A
VOUT
Regulated output voltage (5)
V
VIN = 3 V, ILOAD = 1 mA
25°C
2.475
2.5
2.525
TPS7A4525
VIN = 3.5 V to 20 V,
Full range
2.412
2.5
2.575
ILOAD = 1 mA to 1.5 A
VIN = 3.8 V, ILOAD = 1 mA
25°C
3.266
3.3
3.333
TPS7A4533
VIN = 4.3 V to 20 V,
Full range
3.2
3.3
3.4
ILOAD = 1 mA to 1.5 A
VIN = 2.21 V, ILOAD = 1 mA
25°C
1.197
1.21
1.222
VADJ
ADJ pin voltage (3) (5)
TPS7A4501
V
VIN = 2.5 V to 20 V,
Full range
1.174
1.21
1.246
ILOAD = 1 mA to 1.5 A
ΔVIN = 2.21 V to 20 V,
TPS7A4515
Full range
2
6
ILOAD = 1 mA
ΔVIN = 2.3 V to 20 V,
TPS7A4518
Full range
2.5
7
ILOAD = 1 mA
ΔVIN = 3 V to 20 V,
Line regulation
TPS7A4525
Full range
3
10
mV
ILOAD = 1 mA
ΔVIN = 3.8 V to 20 V,
TPS7A4533
Full range
3.5
10
ILOAD = 1 mA
ΔVIN = 2.21 V to 20 V,
TPS7A4501 (3)
Full range
1.5
3
ILOAD = 1 mA
(1)
The TPS7A45xx regulators are tested and specified under pulse load conditions such that TJ ≉ TA. They are fully tested at TA = 25°C.
Performance at –40 and 125°C is specified by design, characterization, and correlation with statistical process controls.
(2)
Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the
application and configuration and may vary over time. Typical values are not ensured on production material.
(3)
The TPS7A4501 is tested and specified for these conditions with the ADJ pin connected to the OUT pin.
(4)
For the TPS7A4501, TPS7A4515 and TPS7A4518, dropout voltages are limited by the minimum input voltage specification under some
output voltage/load conditions.
(5)
Operating conditions are limited by maximum junction temperature. The regulated output voltage specification does not apply for all
possible combinations of input voltage and output current. When operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage range must be limited.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS7A4501 TPS7A4515 TPS7A4518 TPS7A4525 TPS7A4533


Similar Part No. - TPS7A4518KTTRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4518KTTRG3 TI-TPS7A4518KTTRG3 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4518KTTRG3 TI-TPS7A4518KTTRG3 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4518KTTRG3 TI-TPS7A4518KTTRG3 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4518KTTRG3 TI1-TPS7A4518KTTRG3 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
More results

Similar Description - TPS7A4518KTTRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101-Q1 TI1-TPS75101-Q1 Datasheet
448Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com