Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6925QDCYRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7B6925QDCYRQ1
Description  High-Voltage Ultra-Low IQ Low-Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6925QDCYRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7B6925QDCYRQ1 Datasheet HTML 1Page - Texas Instruments TPS7B6925QDCYRQ1 Datasheet HTML 2Page - Texas Instruments TPS7B6925QDCYRQ1 Datasheet HTML 3Page - Texas Instruments TPS7B6925QDCYRQ1 Datasheet HTML 4Page - Texas Instruments TPS7B6925QDCYRQ1 Datasheet HTML 5Page - Texas Instruments TPS7B6925QDCYRQ1 Datasheet HTML 6Page - Texas Instruments TPS7B6925QDCYRQ1 Datasheet HTML 7Page - Texas Instruments TPS7B6925QDCYRQ1 Datasheet HTML 8Page - Texas Instruments TPS7B6925QDCYRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TPS7B69xx-Q1
GND
10 µF
4.7 µF
VO
VI
Vreg
Vbat
IN
OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS7B6925-Q1, TPS7B6933-Q1, TPS7B6950-Q1
SLVSCJ8B – NOVEMBER 2014 – REVISED JANUARY 2015
TPS7B69xx-Q1 High-Voltage Ultra-Low IQ Low-Dropout Regulator
1 Features
2 Applications
1
Qualified for Automotive Applications
Automotive
AEC-Q100 Qualified With the Following Results:
Infotainment Systems With Sleep Mode
Always-On Battery Applications
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Door Modules
Device HBM ESD Classification Level 2
Remote Keyless-Entry Systems
Device CDM ESD Classification Level C4B
Immobilizers
4 to 40-V Wide VI Input Voltage Range With up to
3 Description
45-V Transient
The TPS7B69xx-Q1 device is a low-dropout linear
Maximum Output Current: 150 mA
regulator designed for up to 40-V VI operations. With
Low Quiescent Current (IQ):
only 15-µA (typical) quiescent current at light load,
15 µA Typical at Light Loads
the device is suitable for standby microcontrol-unit
systems especially in automotive applications.
25 µA Maximum Under Full Temperature
450-mV Typical Low Dropout Voltage at 100 mA
The devices feature an integrated short-circuit and
Load Current
overcurrent protection. The TPS7B69xx-Q1 device
operates over a –40°C to 125°C temperature range.
Stable With Low ESR Ceramic Output Capacitor
Because of these features, the TPS7B6925-Q1,
(2.2 to 100 µF)
TPS7B6933-Q1, and TPS7B6950-Q1 devices are
Fixed 2.5-V, 3.3-V, and 5-V Output Voltage
well suited in power supplies for various automotive
Options
applications.
Integrated Fault Protection:
Device Information(1)
Thermal Shutdown
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Short-Circuit Protection
TPS7B6925-Q1
SOT-223 (4)
6.50 mm × 3.50 mm
Packages:
TPS7B6933-Q1
SOT-23 (5)
2.90 mm × 1.60 mm
TPS7B6950-Q1
4-Pin SOT-223 Package
5-Pin SOT-23 Package
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS7B6925QDCYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6925QDCYRQ1 TI1-TPS7B6925QDCYRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results

Similar Description - TPS7B6925QDCYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6925-Q1 TI1-TPS7B6925-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI-TPS7B6925-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS7B69xx-Q1 High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Texas Instruments
TPS7A6933QDRQ1 TI-TPS7A6933QDRQ1 Datasheet
7Mb / 26P
[Old version datasheet]   High-Voltage Ultralow-Iq Low-Dropout Regulator
logo
Unisonic Technologies
UR75XX UTC-UR75XX Datasheet
222Kb / 9P
   HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com