Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23754-1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23754-1
Description  High-Power/High-Efficiency PoE Interface and DC-DC Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23754-1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS23754-1 Datasheet HTML 2Page - Texas Instruments TPS23754-1 Datasheet HTML 3Page - Texas Instruments TPS23754-1 Datasheet HTML 4Page - Texas Instruments TPS23754-1 Datasheet HTML 5Page - Texas Instruments TPS23754-1 Datasheet HTML 6Page - Texas Instruments TPS23754-1 Datasheet HTML 7Page - Texas Instruments TPS23754-1 Datasheet HTML 8Page - Texas Instruments TPS23754-1 Datasheet HTML 9Page - Texas Instruments TPS23754-1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
TPS23754, TPS23754-1, TPS23756
SLVS885H – OCTOBER 2008 – REVISED OCTOBER 2015
www.ti.com
6.5 Electrical Characteristics
Unless otherwise noted: CS = COM = APD = CTL = RTN = ARTN, GATE and GAT2 float, RFRS= 68.1 kΩ, RBLNK= 249 kΩ, DT
= VB, PPD = VSS, T2P open, CVB = CVC = 0.1 μF, RDEN = 24.9 kΩ, RCLS open, 0 V ≤ (VDD, VDD1) ≤ 57 V, 0 V ≤ VC ≤ 18 V,
–40°C
≤ TJ ≤ 125°C. Typical specifications are at 25°C.
CONTROLLER SECTION ONLY
[VSS = RTN and VDD = VDD1] or [VSS = RTN = VDD], all voltages referred to [ARTN, COM]
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VC
VC rising ‘754
14.3
15
15.7
VCUV
VC rising ‘756
8.7
9
9.3
UVLO
V
Hysteresis ‘754 (1)
6.2
6.5
6.8
VCUVH
Hysteresis ‘756 (1)
3.3
3.5
3.7
Operating current
VC = 12 V, CTL = VB, RDT = 68.1 kΩ
0.7
0.92
1.2
mA
TPS23756, VDD1 = 10.2 V, VC(0) = 0 V
50
85
175
TPS23756, VDD1 = 35 V, VC(0) = 0 V
27
45
92
Bootstrap start-up time,
tST
ms
CVC = 22 μF
TPS23754, VDD1 = 19.2 V, VC(0) = 0 V
49
81
166
TPS23754, VDD1 = 35 V, VC(0) = 0 V
44
75
158
TPS23754, VDD1 = 19.2 V, VC = 13.9 V
1.7
3.4
5.5
Start-up current source is IVC
TPS23756, VDD1 = 10.2 V, VC = 8.6 V
0.44
1.06
1.8
mA
TPS23754, TPS23756, VDD1 = 48 V, VC = 0 V
2.7
4.8
6.8
VB
Voltage
6.5 V
≤ VC ≤ 18 V, 0 ≤ IVB ≤ 5 mA
4.8
5.1
5.25
V
FRS
CTL = VB, measure GATE
Switching frequency
kHz
RFRS = 68.1 kΩ
227
253
278
DMAX
Duty cycle
CTL= VB, measure GATE
76%
78%
80%
VSYNC
Synchronization
Input threshold
2
2.2
2.4
V
CTL
VZDC
0% duty cycle threshold
VCTL ↓ until GATE stops
1.3
1.5
1.7
V
Input resistance
70
100
145
k
CS
VCSMAX
Maximum threshold voltage
VCTL = VB, VCS rising until GATE duty cycle drops
0.5
0.55
0.6
V
Internal slope compensation
VSLOPE
Peak voltage at maximum duty cycle, referenced to CS
120
155
185
mV
voltage
Peak slope compensation
ISL_EX
VCTL = VB, ICS at maximum duty cycle
30
42
54
μA
current
Bias current (sourcing)
DC component of ICS
1
2.5
4.3
μA
GATE
Source current
VCTL = VB, VC = 12 V, GATE high, pulsed measurement
0.37
0.6
0.95
A
Sink current
VCTL = VB, VC = 12 V, GATE low, pulsed measurement
0.7
1
1.4
A
GAT2
VCTL = VB, VC = 12 V, GAT2 high, RDT = 24.9 kΩ, pulsed
Source current
0.37
0.6
0.95
A
measurement
VCTL = VB, VC = 12 V, GAT2 low, RDT = 24.9 kΩ, pulsed
Sink current
0.7
1
1.4
A
measurement
(1)
The hysteresis tolerance tracks the rising threshold for a given device.
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS23754 TPS23754-1 TPS23756


Similar Part No. - TPS23754-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23754-1 TI-TPS23754-1 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23754-1 TI-TPS23754-1 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
More results

Similar Description - TPS23754-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23754 TI-TPS23754_10 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23754 TI-TPS23754 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23757 TI-TPS23757 Datasheet
1Mb / 37P
[Old version datasheet]   High Efficiency PoE Interface and DC/DC Controller
TPS23785B TI-TPS23785B Datasheet
1Mb / 47P
[Old version datasheet]   High-Power, High-Efficiency PoE PD and DC-to-DC Controller
TPS23751 TI1-TPS23751_14 Datasheet
1Mb / 47P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC-DC Controller
TPS23751 TI1-TPS23751 Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
logo
ON Semiconductor
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
Silicon Standard Corp.
SS6650 SSC-SS6650 Datasheet
496Kb / 6P
   High-Efficiency, Inverting DC/DC Controller
logo
Lowpower Semiconductor ...
LP6240 POWER-LP6240 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com