Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2053B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2053B
Description  Current-Limited, Power-Distribution Switches
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2053B Datasheet(HTML) 1 Page - Texas Instruments

  TPS2053B Datasheet HTML 1Page - Texas Instruments TPS2053B Datasheet HTML 2Page - Texas Instruments TPS2053B Datasheet HTML 3Page - Texas Instruments TPS2053B Datasheet HTML 4Page - Texas Instruments TPS2053B Datasheet HTML 5Page - Texas Instruments TPS2053B Datasheet HTML 6Page - Texas Instruments TPS2053B Datasheet HTML 7Page - Texas Instruments TPS2053B Datasheet HTML 8Page - Texas Instruments TPS2053B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
IN
OC1
EN1
OC2
2
8
5
7
0.1 µF
22 µF
0.1 µF
22 µF
Load
Load
OUT1
OUT2
Power Supply
2.7 V to 5.5 V
6
EN2
3
4
GND
0.1 µF
TPS2042B
1
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS2041B, TPS2042B, TPS2043B, TPS2044B
TPS2051B, TPS2052B, TPS2053B, TPS2054B
SLVS514M – JUNE 2010 – REVISED JUNE 2016
TPS20xxB Current-Limited, Power-Distribution Switches
1
1 Features
1
70-m
Ω High-Side MOSFET
500-mA Continuous Current
Thermal and Short-Circuit Protection
Accurate Current Limit
(0.75 A Minimum, 1.25 A Maximum)
Operating Range: 2.7 V to 5.5 V
0.6-ms Typical Rise Time
Undervoltage Lockout
Deglitched Fault Report (OC)
No OC Glitch During Power Up
Maximum Standby Supply Current:
1-
μA (Single, Dual) or 2-μA (Triple, Quad)
Ambient Temperature Range: –40°C to 85°C
UL Recognized, File Number E169910
Additional UL Recognition for TPS2042B and
TPS2052B for Ganged Configuration
2 Applications
Heavy Capacitive Loads
Short-Circuit Protections
3 Description
The
TPS20xxB
power-distribution
switches
are
intended for applications where heavy capacitive
loads and short circuits are likely to be encountered.
These
devices
incorporates
70-m
N-channel
MOSFET
power
switches
for
power-distribution
systems that require multiple power switches in a
single package. Each switch is controlled by a logic
enable input. Gate drive is provided by an internal
charge pump designed to control the power-switch
rise times and fall times to minimize current surges
during switching. The charge pump requires no
external components and allows operation from
supplies as low as 2.7 V.
When the output load exceeds the current-limit
threshold or a short is present, the device limits the
output current to a safe level by switching into a
constant-current mode, pulling the overcurrent (OCx)
logic output low. When continuous heavy overloads
and short circuits increase the power dissipation in
the switch, causing the junction temperature to rise, a
thermal protection circuit shuts off the switch to
prevent damage. Recovery from a thermal shutdown
is automatic once the device has cooled sufficiently.
Internal circuitry ensures that the switch remains off
until valid input voltage is present. This power-
distribution switch is designed to set current limit at 1
A (typical).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS20xxB
SOIC (8)
4.90 mm × 3.91 mm
SOIC (16)
9.90 mm × 3.91 mm
SOT-23 (5)
2.90 mm × 1.60 mm
HVSSOP (8)
3.00 mm × 3.00 mm
SON (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic


Similar Part No. - TPS2053B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2053B TI-TPS2053B Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2053B TI-TPS2053B Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2053B TI-TPS2053B Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2053B TI-TPS2053B Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2053B TI1-TPS2053B Datasheet
1Mb / 52P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2053B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com