Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2412DG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2412DG4
Description  N1 and ORing Power Rail Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2412DG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2412DG4 Datasheet HTML 1Page - Texas Instruments TPS2412DG4 Datasheet HTML 2Page - Texas Instruments TPS2412DG4 Datasheet HTML 3Page - Texas Instruments TPS2412DG4 Datasheet HTML 4Page - Texas Instruments TPS2412DG4 Datasheet HTML 5Page - Texas Instruments TPS2412DG4 Datasheet HTML 6Page - Texas Instruments TPS2412DG4 Datasheet HTML 7Page - Texas Instruments TPS2412DG4 Datasheet HTML 8Page - Texas Instruments TPS2412DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS2412, TPS2413
SLVS728C – JANUARY 2007 – REVISED NOVEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range, voltage are referenced to GND (unless otherwise noted)
(1)
MIN
MAX
UNIT
A, C, FLTR, VDD, voltage
–0.3
18
V
A above C voltage
7.5
V
C above A voltage
18
V
GATE(2), BYP voltage
–0.3
30
V
BYP to A voltage
–0.3
13
V
GATE above BYP(2) voltage
0.3
V
RSET(2) voltage
–0.3
7
V
GATE short to A or C or GND
Indefinite
TJ
Maximum junction temperature
Internally limited
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage should not be applied to these pins.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
voltages are referenced to GND (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD = V(C)
(1)
3
16.5
A, C
Input voltage range TPS2412
V
3
≤ VDD ≤ 16.5 V
0.8
16.5
A to C
Operational voltage
5
V
R(RSET)
Resistance range(2)
1.5
k
C(BYP)
Capacitance Range(2) (3)
800
2200
10k
pF
TJ
Operating junction temperature
–40
125
°C
TA
Operating free-air temperature
–40
85
°C
(1)
VDD must exceed 3 V to meet gate drive specification
(2)
Voltage should not be applied to these pins.
(3)
Capacitors should be X7R, 20% or better
7.4 Thermal Information
TPS241x
THERMAL METRIC(1)
PW (TSSOP)
D (SOIC)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
110.3
110.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54.7
54.7
°C/W
RθJB
Junction-to-board thermal resistance
50.9
50.9
°C/W
ψJT
Junction-to-top characterization parameter
9.2
9.2
°C/W
ψJB
Junction-to-board characterization parameter
50.4
50.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS2412 TPS2413


Similar Part No. - TPS2412DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412DG4 TI1-TPS2412DG4 Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412DG4 TI1-TPS2412DG4 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
More results

Similar Description - TPS2412DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com