Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4525KTTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4525KTTR
Description  Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4525KTTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS7A4525KTTR Datasheet HTML 6Page - Texas Instruments TPS7A4525KTTR Datasheet HTML 7Page - Texas Instruments TPS7A4525KTTR Datasheet HTML 8Page - Texas Instruments TPS7A4525KTTR Datasheet HTML 9Page - Texas Instruments TPS7A4525KTTR Datasheet HTML 10Page - Texas Instruments TPS7A4525KTTR Datasheet HTML 11Page - Texas Instruments TPS7A4525KTTR Datasheet HTML 12Page - Texas Instruments TPS7A4525KTTR Datasheet HTML 13Page - Texas Instruments TPS7A4525KTTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
0
2
4
6
8
10
12
14
16
18
20
SHDN Input Voltage – V
TPS7A4501, TPS7A4515, TPS7A4518, TPS7A4525, TPS7A4533
SLVS720F – JUNE 2008 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
Typical characteristics apply to all TPS7A45xx devices unless otherwise noted.
VSHDN = 0 V
VIN = VOUT(nom) + 1
Figure 14. Quiescent Current in Shutdown vs Input Voltage
Figure 13. Ground Current vs Output Current
VSHON = 0 V
Figure 15. SHDN Pin Current (ISHDN) vs Temperature
Figure 16. SHDN Pin Current (ISHDN) vs SHDN Input Voltage
IOUT = 1 mA
IOUT = 1 mA
Figure 18. SHDN Threshold (ON to OFF) vs Temperature
Figure 17. SHDN Threshold (OFF to ON) vs Temperature
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS7A4501 TPS7A4515 TPS7A4518 TPS7A4525 TPS7A4533


Similar Part No. - TPS7A4525KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4525KTTR TI-TPS7A4525KTTR Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4525KTTR TI-TPS7A4525KTTR Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4525KTTR TI-TPS7A4525KTTR Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4525KTTR TI1-TPS7A4525KTTR Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
TPS7A4525KTTRG3 TI-TPS7A4525KTTRG3 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
More results

Similar Description - TPS7A4525KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101-Q1 TI1-TPS75101-Q1 Datasheet
448Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com