Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40061 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40061
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40061 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40061 Datasheet HTML 4Page - Texas Instruments TPS40061 Datasheet HTML 5Page - Texas Instruments TPS40061 Datasheet HTML 6Page - Texas Instruments TPS40061 Datasheet HTML 7Page - Texas Instruments TPS40061 Datasheet HTML 8Page - Texas Instruments TPS40061 Datasheet HTML 9Page - Texas Instruments TPS40061 Datasheet HTML 10Page - Texas Instruments TPS40061 Datasheet HTML 11Page - Texas Instruments TPS40061 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
R
KFF + VIN (min) * 3.5
65.27
R
T ) 1502
(W)
100
0
200
300
400
500
600
400
600
800
1000
700
200
800
FEED-FORWARD IMPEDANCE
vs
SWITCHING FREQUENCY
fSW - Switching Frequency - kHz
VIN = 25 V
VIN = 15 V
VIN = 9 V
fSW - Switching Frequency - kHz
TIMING RESISTANCE
vs
SWITCHING FREQUENCY
0
100
0
200
400
600
800
1000
200
300
400
500
600
R
KFF + VIN (min) * 3.5
65.27
R
T ) 1502
(W)
TPS40060
TPS40061
SLUS543F – DECEMBER 2002 – REVISED JUNE 2013
www.ti.com
The PWM ramp must be faster than the master clock frequency or the PWM is prevented from starting. The
PWM ramp time is programmed via a single resistor (RKFF) pulled up to VIN. RKFF is related to RT, and the
minimum input voltage, VIN(min) through the following:
where:
VIN is the desired start-up (UVLO) input voltage
RT is the timing resistor in kΩ
(2)
See the section on UVLO operation for further description.
The curve showing the feedforward impedance required for a given switching frequency, fSW, at various input
voltages is shown in Figure 3.
For low input voltage and high duty cycle applications, the voltage feed-forward may limit the duty cycle
prematurely. This does not occur for most applications. The voltage control loop controls the duty cycle and
regulates the output voltages. For more information on large duty cycle operation, refer to Application Note
(SLUA310).
Figure 2.
Figure 3.
UVLO OPERATION
The TPS40060 and TPS40061 use both fixed and variable (user programmable) UVLO protection. The fixed
UVLO monitors the BP10 and BP5 bypass voltages. The UVLO circuit holds the soft-start low until the BP5 and
BP10 voltage rails have exceeded their thresholds and the input voltage has exceed the user programmable
undervoltage threshold.
The TPS40060 and TPS40061 use the feed-forward pin, KFF, as a user programmable low-line UVLO detection.
This variable low-line UVLO threshold compares the PWM ramp duration to the oscillator clock period. An
undervoltage condition exists if the device receives a clock pulse before the ramp has reached 90% of its full
amplitude. The ramp duration is a function of the ramp slope, which is directly related to the current into the KFF
pin. The KFF current is a function of the input voltage and the resistance from KFF to the input voltage. The KFF
resistor can be referenced to the oscillator frequency as described in Equation 3:
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: TPS40060 TPS40061


Similar Part No. - TPS40061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40061 TI-TPS40061 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061 TI1-TPS40061 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWP TI-TPS40061PWP Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWP TI1-TPS40061PWP Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWPG4 TI1-TPS40061PWPG4 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com