Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2412DRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2412DRG4
Description  N1 and ORing Power Rail Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2412DRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2412DRG4 Datasheet HTML 5Page - Texas Instruments TPS2412DRG4 Datasheet HTML 6Page - Texas Instruments TPS2412DRG4 Datasheet HTML 7Page - Texas Instruments TPS2412DRG4 Datasheet HTML 8Page - Texas Instruments TPS2412DRG4 Datasheet HTML 9Page - Texas Instruments TPS2412DRG4 Datasheet HTML 10Page - Texas Instruments TPS2412DRG4 Datasheet HTML 11Page - Texas Instruments TPS2412DRG4 Datasheet HTML 12Page - Texas Instruments TPS2412DRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
C
+
-
+
-
A
GATE
HVUV
EN
HVUV
RSET
A
BYP
C
GND
EN
A
RSVD
EN
FAST
COMP.
T >135°C
V(DD)
V(DD)
V(BIAS)
0.5V
3mV
10mV
10V
‘12: AMP
‘13:COMP
BIAS
and
Control
ChargePump
andBiasSupply
TPS2412, TPS2413
www.ti.com
SLVS728C – JANUARY 2007 – REVISED NOVEMBER 2015
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Definitions
The following descriptions refer to the pinout and the functional block diagram.
A, C: The A pin serves as the simulated diode anode and the C as the cathode. GATE is driven high when V(AC)
exceeds 10 mV. Both devices provide a strong GATE pulldown when V(AC) is less than the programmable fast
turnoff threshold. The TPS2412 has a soft pulldown when V(AC) is less than 10 mV but above the fast turnoff
threshold.
Several internal comparator and amplifier circuits monitor these two pins. The inputs are protected from excess
differential voltage by a clamp diode and series resistance. If C falls below A by more than about 0.7 V, a small
current flows out of C. Protect the internal circuits with an external clamp if C can be more than 6 V lower than A.
The internal charge pump output, which provides bias power to the comparators and voltage to drive GATE, is
referenced to A. Some charge pump current appears on A due to this topology. The A and C pins should be
Kelvin connected to the MOSFET source and drain. A and C connections should also be short and low
impedance, with special attention to the A connection. Residual noise from the charge pump can be reduced with
a bypass capacitor at A if the application permits.
BYP: BYP is the internal charge pump output, and the positive supply voltage for internal comparator circuits and
GATE driver. A capacitor must be connected from BYP to A. While the capacitor value is not critical, a 2200-pF
ceramic is recommended. Traces to this part must be kept short and low impedance to provide adequate filtering.
CAUTION
Shorting this pin to a voltage below A damages the TPS241x.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS2412 TPS2413


Similar Part No. - TPS2412DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412DRG4 TI1-TPS2412DRG4 Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412DRG4 TI1-TPS2412DRG4 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
More results

Similar Description - TPS2412DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com